Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML077E Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML077E
Description  Magnetically Coded Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML077E Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML077E Datasheet HTML 1Page - Balluff Korea Ltd. BML077E Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Magnetically Coded Sensors
BML-S2C0-Q53G-M624-K0-KA10
Order Code: BML077E
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 278936
ETIM 6.0: EC002544
BML077E_0.32_2021-08-25
1 / 2
1) not included in scope of delivery, 2) Distance to tape, 3) Tape, 4) Cable length, 5) Active measurement surface, 6) LED
error signal
Basic features
Additional features 01
Reference signal pole-periodic
Additional features 02
with error signal
Additional features 03
Real-time capable
Application
linear/rotary motion
Approval/Conformity
cURus
CE
EAC
WEEE
Measuring principle
incremental measuring system
Series
S2C
Display/Operation
Function indicator
Green LED
LED red
Electrical connection
Bending radius min., fixed cable
7.5 x D
Bending radius min., flexible cable
15 x D
Cable diameter D
4.9...5.2 mm
Cable length L
10 m, Drag chain compatible
Conductor cross-section
0.08 mm²
Connection
Cable, 10 m, PUR
Connection type
Cable, 10 m, PUR
Connection version
axial
Number of conductors
12
Polarity reversal protected
yes
Electrical data
Current consumption max. at 24 V DC 80 mA
Operating voltage Ub
10...30 VDC
Overvoltage protection
no
Switch-on delay max.
500 ms


Similar Part No. - BML077E

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML077L BALLUFF-BML077L Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML077N BALLUFF-BML077N Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results

Similar Description - BML077E

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML003L BALLUFF-BML003L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com