Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML0903 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML0903
Description  Magnetically Coded Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML0903 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML0903 Datasheet HTML 1Page - Balluff Korea Ltd. BML0903 Datasheet HTML 2Page - Balluff Korea Ltd. BML0903 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Magnetically Coded Sensors
BML SL1-ALZ1-UMZZ-ZU1L-S4
Order Code: BML0903
Internet
www.balluff.com
eCl@ss 9.1:
Subject to change without notice: 271011
ETIM 6.0:
BML0903_0.6_2020-08-07
1 / 3
1) not included in scope of delivery, 2) Distance to tape, 3) Tape, 4) LED function indicator, 5) Active measurement
surface
Basic features
Application
linear/rotary motion
Approval/Conformity
cURus
CE
EAC
WEEE
Measuring principle
absolute measuring system
Series
SL1
Display/Operation
Error value
0x7FFFFFFC
Function indicator
Green LED
LED yellow
LED red
Electrical connection
Connection
Connector, M12x1-Male, 4-pin
Connection version
axial
Polarity reversal protected
yes
Electrical data
Hysteresis H max.
1 µm
Operating voltage Ub
18...30 VDC
Output value
Position in µm
Overvoltage protection
no
Periods
2 mm
Power consumption
≤ 1.4 W (no load)
Switch-on delay max.
100 ms
Voltage-proof up to (GND to housing) 500 V DC


Similar Part No. - BML0903

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0901 BALLUFF-BML0901 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML0904 BALLUFF-BML0904 Datasheet
118Kb / 3P
Magnetically Coded Sensors
0.54_2020-08-07
BML0905 BALLUFF-BML0905 Datasheet
119Kb / 2P
Magnetically Coded Sensors
0.22_2020-08-07
BML0906 BALLUFF-BML0906 Datasheet
119Kb / 2P
Magnetically Coded Sensors
0.2_2020-09-01
More results

Similar Description - BML0903

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML003L BALLUFF-BML003L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com