Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML0905 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BML0905
Description  Magnetically Coded Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML0905 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BML0905 Datasheet HTML 1Page - Balluff Korea Ltd. BML0905 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Magnetically Coded Sensors
BML SL1-ALZ1-UMZZ-AU1L-KA05
Order Code: BML0905
Internet
www.balluff.com
eCl@ss 9.1:
Subject to change without notice: 271013
ETIM 6.0:
BML0905_0.22_2020-08-07
2 / 2
Environmental conditions
Altitude max.
2000 m
Ambient temperature
-20...70 °C
Cable temperature, drag chain
-25...85 °C
Cable temperature, flexible routing
-25...85 °C
EN 55016-2-3, Radiation
Industrial areas
EN 60068-2-27, Continuous shock
150 g, 2 ms
EN 60068-2-27, Shock
100 g, 6 ms
EN 60068-2-6, Vibration
20 g, 10…2000 Hz
EN 60068-2-64, Noise
20 g, 5…2000 Hz
EN 61000-4-2, ESD
Severity Level 4
EN 61000-4-3, RFI
Severity Level 3
EN 61000-4-4, Burst
Severity Level 3
EN 61000-4-5, Surge
Severity Level 2
EN 61000-4-6, High-frequency fields
Severity Level 3
EN 61000-4-8 Magnetic fields
Severity Level 5
Ext. magnetic fields max., in
operation
1 mT (no effect)
IP rating
IP67
Overall system temperature
coefficient
10.5 ppm/K
Relative humidity
≤ 90 %, non-condensing
Storage temperature
-25...85 °C
Functional safety
MTTF (40 °C)
149 a
Interface
Count direction
rising
Cycle time min.
1 ms
Data format
32-bit signed
Differential signals
yes
Error signal
yes
Interface
IO-Link 1.1
Interface coding
Binary
Real-time signals
Analog, sin/cos
Signal sequence
A before B = rising
Material
Cable flame-resistant
UL94 V0 and IEC 60332/2
Housing material
Die-cast zinc, nickel plated,
Chrome-plated
Housing material, surface protection nickel-plated
Chrome-plated
Material jacket
PUR
Mechanical data
Diameter min.
400 mm
Dimension
16 x 18.6 x 54 mm
Lateral offset (Y)
±1.5 mm
Mounting part
Through-hole 4.3 mm
Pitch max.
±0.5 °
Pole width
2 mm
Procedure direction
Lengthwise to tape
Roll max.
±0.5 °
Tangential offset (X) max.
±1 mm
Weight
50 g (excluding cable)
Yaw max. ±
1.0 °
Range/Distance
Interpolation factor
2000
Measuring range
8190 mm
Non-linearity of sensor head, max.
±5 µm
Optimal read distance
0.4 mm
Read distance
0.01...1.3 mm
Repeat accuracy
≤ 1 µm
Resolution
1 µm
Traverse speed max.
10 m/s
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com