Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSPMA3012F Datasheet(PDF) 1 Page - Central Technologies

Part # CTSPMA3012F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSPMA3012F Datasheet(HTML) 1 Page - Central Technologies

  CTSPMA3012F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2020 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.09.20
Power Inductors - Shielded
www.ctparts.com
CTSPMA3012F
Series
From .47µH to 4.7µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only
L
DCR
Isat
Irms
Part
Inductance
Test
Max.
Max.
Max.
Number
(µH)
Condition
(mΩ)
(A)
(A)
CTSPMA3012F-R47M
0.47
100KHz, 1V
17.8
7.2
5.9
CTSPMA3012F-R68M
0.68
100KHz, 1V
24.8
5.2
5.0
CTSPMA3012F-1R0M
1.00
100KHz, 1V
34.0
4.4
4.2
CTSPMA3012F-1R5M
1.50
100KHz, 1V
58.0
3.7
3.2
CTSPMA3012F-2R2M
2.20
100KHz, 1V
74.0
3.1
2.7
CTSPMA3012F-3R3M
3.30
100KHz, 1V
129.0
2.6
2.1
CTSPMA3012F-4R7M
4.70
100KHz, 1V
210.0
2.1
1.6
Not Shown at Actual Size
CHARACTERISTICS
PAD LAYOUT
Description: SMD (shielded) Power Inductors
Applications: Smart phones, Notebook PC’s, Tablets, HDD’s,
Servers, VRM’s, Compact power supply modules, etc.
Saturation Rated Current (Isat): The DC current when the
when the inductance becomes 30% lower than its initial value.
(Ta=25°C)
Temperature Rise Current (Irms): The actual current when
temperature of coil becomes ∆T40°C. (Ta=25°C)
Operating Temperature Range: -55°C to 155°C
Markings: Inductance Code
Miscellaneous: RoHS compliant
Samples available. See website for ordering information.
1.8
1.5 1.1
1.1
PAD
LAYOUT
PHYSICAL DIMENSIONS
c
C
B
F
G
J
A
D
E
I
H
H
J
K
J
A
B
C
D
E
F
Max.
Max.
3.4±0.2
3.1±0.2
3.4
1.2
1.25
1.25
0.13±0.008
0.12±0.008
0.13
0.047
0.49
0.49
Size
mm
inches
G
H
I
J
K
0.8
0.95±0.1
1.5
0.75±0.1
1.6
0.31
0.037±0.004
0.06
0.029±0.004
0.06
Size
mm
inches
UNIT: mm


Similar Part No. - CTSPMA3012F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSPMA3010F CT-CTSPMA3010F Datasheet
203Kb / 1P
Power Inductors - Shielded
REV 11.09.20
CTSPMA3010F-1R0M CT-CTSPMA3010F-1R0M Datasheet
203Kb / 1P
Power Inductors - Shielded
REV 11.09.20
CTSPMA3010F-1R5M CT-CTSPMA3010F-1R5M Datasheet
203Kb / 1P
Power Inductors - Shielded
REV 11.09.20
CTSPMA3010F-2R2M CT-CTSPMA3010F-2R2M Datasheet
203Kb / 1P
Power Inductors - Shielded
REV 11.09.20
CTSPMA3010F-3R3M CT-CTSPMA3010F-3R3M Datasheet
203Kb / 1P
Power Inductors - Shielded
REV 11.09.20
More results

Similar Description - CTSPMA3012F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com