Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q58GA Datasheet(PDF) 32 Page - OKI electronic componets

Part # ML22Q58GA
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML22Q58GA Datasheet(HTML) 32 Page - OKI electronic componets

Back Button ML22Q58GA Datasheet HTML 28Page - OKI electronic componets ML22Q58GA Datasheet HTML 29Page - OKI electronic componets ML22Q58GA Datasheet HTML 30Page - OKI electronic componets ML22Q58GA Datasheet HTML 31Page - OKI electronic componets ML22Q58GA Datasheet HTML 32Page - OKI electronic componets ML22Q58GA Datasheet HTML 33Page - OKI electronic componets ML22Q58GA Datasheet HTML 34Page - OKI electronic componets ML22Q58GA Datasheet HTML 35Page - OKI electronic componets ML22Q58GA Datasheet HTML 36Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
32/36
APPLICATION CIRCUIT EXAMPLE (ML22Q58)
Parallel Interface (at 5V)
Parallel Interface(at 3V)
150pF
AOUT
RESET
CS
WR
RD
D7-0
NCR1
NCR2
BUSY1
BUSY2
VBG
SERIAL
OPTANA
XT
XT
MCU
REGOUT
DVDD
AVDD
DGND
AGND
10 F
5V
4.096MHz
30pF
30pF
amplifier
8
AOUT
RESET
CS
WR
RD
D7-0
NCR1
NCR2
BUSY1
BUSY2
VBG
SERIAL
OPTANA
XT
XT
MCU
REGOUT
DVDD
AVDD
DGND
AGND
3V
amplifier
4.096MHz
30pF
30pF
NC
8
Serial Interface (at 5V)
Serial Interface (at 3V)
OPTANA
AOUT
RESET
CS
WR
RD
SCK
DI
DO
NCR1
NCR2
BUSY1
BUSY2
VBG
SERIAL
XT
XT
MCU
4.096MHz
30pF
30pF
amplifier
REGOUT
DVDD
AVDD
DGND
AGND
10 F
5V
150pF
OPTANA
AOUT
RESET
CS
WR
RD
SCK
DI
DO
NCR1
NCR2
BUSY1
BUSY2
VBG
SERIAL
XT
XT
MCU
4.096MHz
30pF
30pF
amplifier
NC
REGOUT
DVDD
AVDD
DGND
AGND
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com