Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSPI2D10F-R33N Datasheet(PDF) 1 Page - Central Technologies

Part # CTSPI2D10F-R33N
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSPI2D10F-R33N Datasheet(HTML) 1 Page - Central Technologies

  CTSPI2D10F-R33N Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 06.15.17
Power Inductors - Shielded
www.ctparts.com
CTSPI2D10F
Series
From 0.33µH to 47µH
SPECIFICATIONS
DCR
IDC
Irms
Part
Inductance
Tolerance
Typ.
Typ.
Typ.
Color
Number
(µH)
(±%)
(W)
(mA)
(mA)
Coding
CTSPI2D10F-R33_
0.33
20, 30
0.030
1800
2800
Orange
CTSPI2D10F-R68_
0.68
20, 30
0.055
1100
2000
White
CTSPI2D10F-1R0_
1.0
20, 30
0.065
1100
1800
Gray
CTSPI2D10F-1R2_
1.2
20, 30
0.078
1000
1500
Black
CTSPI2D10F-1R5_
1.5
20, 30
0.087
1000
1400
Brown
CTSPI2D10F-1R8_
1.8
20, 30
0.097
900
1350
Red
CTSPI2D10F-2R2_
2.2
20, 30
0.106
860
1250
Orange
CTSPI2D10F-2R7_
2.7
20, 30
0.127
760
1100
Yellow
CTSPI2D10F-3R3_
3.3
20, 30
0.175
680
1000
Green
CTSPI2D10F-3R9_
3.9
20, 30
0.200
620
900
Blue
CTSPI2D10F-4R7_
4.7
20, 30
0.274
600
850
Violet
CTSPI2D10F-5R6_
5.6
20, 30
0.319
540
750
Gray
CTSPI2D10F-6R8_
6.8
20, 30
0.330
460
700
White
CTSPI2D10F-8R2_
8.2
20, 30
0.380
440
650
Black
CTSPI2D10F-100M
10
20
0.400
420
600
Brown
CTSPI2D10F-120M
12
20
0.675
320
550
Red
CTSPI2D10F-150M
15
20
0.800
300
500
Orange
CTSPI2D10F-180M
18
20
0.890
300
450
Yellow
CTSPI2D10F-220M
22
20
1.100
260
400
Green
CTSPI2D10F-330M
33
20
1.600
220
340
Blue
CTSPI2D10F-470M
47
20
2.430
180
240
Black
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Shielded Power Inductors (low profile)
Applications: Cellular phones, PDAs, DVC, DSC, digital
cameras, and hard disk drives
Operating Temperature: -40°C to +105°C
Testing: Inductance is tested on an HP4284A at 1KHz/1.0V
IDC: For inductance 10% or 35% from its value without current
Irms: For a 25°C or 40°C rise above 25°C ambient
Packaging: Tape & Reel.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
3.6
(0.142)
1.4
(0.055)
1.4
(0.055)
0.8
(0.031)
A
B
C
D
E
Max.
3.2±0.2
3.2±0.2
1.05
1.1
0.8
0.126±0.008
0.126±0.008
0.041
0.043
0.031
Size
mm
inches
Unit: mm
(inch)
Please specify tolerance code when ordering.
CTSPI2D10F-R33_
M = ±20%, N = ±30%


Similar Part No. - CTSPI2D10F-R33N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSPI2D15F CT-CTSPI2D15F Datasheet
262Kb / 1P
Power Inductors - Shielded
REV 06.15.17
CTSPI2D15F-100M CT-CTSPI2D15F-100M Datasheet
262Kb / 1P
Power Inductors - Shielded
REV 06.15.17
CTSPI2D15F-120M CT-CTSPI2D15F-120M Datasheet
262Kb / 1P
Power Inductors - Shielded
REV 06.15.17
CTSPI2D15F-150M CT-CTSPI2D15F-150M Datasheet
262Kb / 1P
Power Inductors - Shielded
REV 06.15.17
CTSPI2D15F-180M CT-CTSPI2D15F-180M Datasheet
262Kb / 1P
Power Inductors - Shielded
REV 06.15.17
More results

Similar Description - CTSPI2D10F-R33N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com