Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSRU1048F-R80N Datasheet(PDF) 1 Page - Central Technologies

Part # CTSRU1048F-R80N
Description  SMD Shielded Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSRU1048F-R80N Datasheet(HTML) 1 Page - Central Technologies

  CTSRU1048F-R80N Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2013 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 12.06.13
SMD Shielded Power Inductor
www.ctparts.com
CTSRU1048F
Series
From 0.8µH to 330µH
SPECIFICATIONS
Parts are available in ±30% inductace tolerance only.
Inductance
Q Test
DCR
DCR
SRF
Irms
Isat
Part
at 100KHz
Q.
Freq.
Typ.
Max.
Typ.
Max.
Typ.
Number
(µH)
Ref
(_Hz)
(m
Ω)
(m
Ω)
(MHz)
(A)
(A)
CTSRU1048F-R80N
0.8
8
25.2M
3.6
4.8
100
7.80
8.50
CTSRU1048F-1R5N
1.5
14
7.96M
4.3
5.8
70
7.00
7.20
CTSRU1048F-2R2N
2.2
14
7.96M
5.3
7.2
55
6.50
6.30
CTSRU1048F-3R0N
3.0
14
7.96M
7.2
10.0
40
6.20
6.00
CTSRU1048F-4R7N
4.7
12
7.96M
9.5
12.5
30
5.50
4.75
CTSRU1048F-6R8N
6.8
10
7.96M
13.6
18.0
20
4.80
4.10
CTSRU1048F-8R2N
8.2
8
7.96M
15.0
20.0
18
4.60
3.80
CTSRU1048F-100N
10.0
26
2.52M
18.5
25.0
16
4.50
3.70
CTSRU1048F-150N
15.0
30
2.52M
29.0
40.0
14
3.20
2.70
CTSRU1048F-220N
22.0
22
2.52M
42.0
55.0
12
2.60
2.00
CTSRU1048F-330N
33.0
24
2.52M
63.0
84.0
10
2.10
1.70
CTSRU1048F-470N
47.0
26
2.52M
94.0
120.0
8
1.70
1.50
CTSRU1048F-560N
56.0
26
2.52M
110.0
145.0
7
1.60
1.40
CTSRU1048F-680N
68.0
24
2.52M
127.0
170.0
6
1.40
1.25
CTSRU1048F-820N
82.0
24
2.52M
149.0
200.0
5.5
1.30
1.10
CTSRU1048F-101N
100.0
26
0.796M
160.0
220.0
5
1.20
1.00
CTSRU1048F-151N
150.0
24
0.796M
235.0
305.0
4.5
1.00
0.80
CTSRU1048F-221N
220.0
20
0.796M
350.0
455.0
4
0.80
0.70
CTSRU1048F-331N
330.0
18
0.796M
490.0
640.0
3
0.65
0.52
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD shielded power inductor.
Applications: Input/output of DC/DC converters, power supplies
for portable communication equipment, camcorders, LCD TVs, car
radios, etc.
Operating Temperature: -40°C to +125°C (temp. rise included)
Resistance to Solder Heat: 245°C, 10 seconds.
Isat: Based on
ΔL / L0A = 35% Typ.
Irms: Based on Temp. rise 30°C Max.
Inductance Tolerance: ±30%
Testing: Inductance is tested on an HP4284A at 100KHz, 1V.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
F
Schematic
A
7.2Ref.
1.8Ref.
1.8Ref.
A
B
C
D
E
F
Typ.
Typ.
Typ.
10.0±0.3
10.0±0.3
4.8±0.3
3.4
3.2
7.4
0.4±0.012
0.4±0.012
0.19±0.012
0.13
0.12
0.30
Size
mm
inches
CTSRU1048F-1R5N
1.5
14
7.96M
4.3
5.8
70
7.00
7.20
CTSRU1048F-2R2N
2.2
14
7.96M
5.3
7.2
55
6.50
6.30
CTSRU1048F-3R0N
3.0
14
7.96M
7.2
10.0
40
6.20
6.00
CTSRU1048F-4R7N
4.7
12
7.96M
9.5
12.5
30
5.50
4.75
CTSRU1048F-6R8N
6.8
10
7.96M
13.6
18.0
20
4.80
4.10
CTSRU1048F-8R2N
8.2
8
7.96M
15.0
20.0
18
4.60
3.80
Unit: mm
CTSRU1048F-101N
100.0
26
0.796M
160.0
220.0
5
1.20
1.00
CTSRU1048F-151N
150.0
24
0.796M
235.0
305.0
4.5
1.00
0.80
CTSRU1048F-221N
220.0
20
0.796M
350.0
455.0
4
0.80
0.70
CTSRU1048F-331N
330.0
18
0.796M
490.0
640.0
3
0.65
0.52


Similar Part No. - CTSRU1048F-R80N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSRU1038F CT-CTSRU1038F Datasheet
215Kb / 1P
SMD Shielded Power Inductor
REV 08.31.21
CTSRU1038F-100N CT-CTSRU1038F-100N Datasheet
215Kb / 1P
SMD Shielded Power Inductor
REV 08.31.21
CTSRU1038F-101N CT-CTSRU1038F-101N Datasheet
215Kb / 1P
SMD Shielded Power Inductor
REV 08.31.21
CTSRU1038F-150N CT-CTSRU1038F-150N Datasheet
215Kb / 1P
SMD Shielded Power Inductor
REV 08.31.21
CTSRU1038F-151N CT-CTSRU1038F-151N Datasheet
215Kb / 1P
SMD Shielded Power Inductor
REV 08.31.21
More results

Similar Description - CTSRU1048F-R80N

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com