Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTXAL4020F-R60M Datasheet(PDF) 1 Page - Central Technologies

Part # CTXAL4020F-R60M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTXAL4020F-R60M Datasheet(HTML) 1 Page - Central Technologies

  CTXAL4020F-R60M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.12.17
Power Inductors - Shielded
www.ctparts.com
CTXAL4020F
Series
From 0.10µH to 2.2µH
SPECIFICATIONS
Inductance
Part
(µH)
Test
Number
±20% @ 0A
Frequency
@20°C @40°C
Typ. Max.
Typ.
Max.
CTXAL4020F-R10M
0.10
100KHz/0.1V
13.5
18.0
38.0
33.0
2.20
2.42
CTXAL4020F-R22M
0.22
100KHz/0.1V
13.0
16.8
19.5
18.8
4.10
4.60
CTXAL4020F-R36M
0.36
100KHz/0.1V
11.0
14.5
17.0
15.0
5.60
6.30
CTXAL4020F-R40M
0.40
100KHz/0.1V
10.0
14.0
15.5
13.5
6.90
7.73
CTXAL4020F-R56M
0.56
100KHz/0.1V
8.5
12.0
14.0
12.6
8.40
9.30
CTXAL4020F-R60M
0.60
100KHz/0.1V
8.0
11.7
13.7
12.3
8.60
9.52
CTXAL4020F-R72M
0.72
100KHz/0.1V
7.6
10.5
12.0
10.6
10.40 11.60
CTXAL4020F-1R0M
1.00
100KHz/0.1V
6.8
9.6
9.6
8.8
13.30 14.60
CTXAL4020F-1R2M
1.20
100KHz/0.1V
6.6
9.0
9.0
7.8
16.20 17.90
CTXAL4020F-1R5M
1.50
100KHz/0.1V
5.8
7.6
8.0
7.4
21.00 23.50
CTXAL4020F-1R8M
1.80
100KHz/0.1V
5.2
7.0
7.5
7.0
25.00 28.00
CTXAL4020F-2R2M
2.20
100KHz/0.1V
4.6
5.6
6.5
6.0
35.20 38.70
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD high current power inductors
Applications: Ideal for VRM/VRD applications
Operating Temperature: -40°C to +125°C (including self-
temperture rise)
Storage Temperature: -40°C to +125°C (on board)
Humidity Range: 85±2%RH
Irms: Will cause the coil temperature rise approximately
Δt of
40°C (keep 1 min)
Isat Typ.: Will cause L0 to drop approximately 30%
Part Temperature (Ambient+Temp.Rise): Should not exceed
125°C under worst case operating conditions
Storage Condition (component in its packaging):
1.
Temperature: Less than 40°C
2.
Humidity: 60% RH
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
L
G
1.4 Ref.
3.4 Ref.
Size
mm
inches
Unit: mm
4.1±0.2
4.1±0.2
1.9±0.2
3.4±0.3
0.88±0.2
1.6±0.25
0.16±0.008
0.16±0.008
0.07±0.008
0.13±0.012
0.03±0.008
0.06±0.010
Irms (A)
Typ.
Isat
(A)
DCR
(mΩ)
Notes:
1.) The above Pad Layout is for reference only
2.) Solder paste thickness of 0.12mm and above is recommended
*Irms Typ. and Isat Typ. value is derived based from accounting
the upper limit tolerance into the inductance value.
**At all times, the current supplied to the product should not exceed Isat Max. value.
A
B
C
D
E
F


Similar Part No. - CTXAL4020F-R60M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTXAL5030F CT-CTXAL5030F Datasheet
161Kb / 1P
Power Inductors - Shielded
REV 10.12.17
CTXAL5030F-1R0M CT-CTXAL5030F-1R0M Datasheet
161Kb / 1P
Power Inductors - Shielded
REV 10.12.17
CTXAL5030F-1R2M CT-CTXAL5030F-1R2M Datasheet
161Kb / 1P
Power Inductors - Shielded
REV 10.12.17
CTXAL5030F-1R5M CT-CTXAL5030F-1R5M Datasheet
161Kb / 1P
Power Inductors - Shielded
REV 10.12.17
CTXAL5030F-1R8M CT-CTXAL5030F-1R8M Datasheet
161Kb / 1P
Power Inductors - Shielded
REV 10.12.17
More results

Similar Description - CTXAL4020F-R60M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com