Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTXAL5030F-R82M Datasheet(PDF) 1 Page - Central Technologies

Part # CTXAL5030F-R82M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTXAL5030F-R82M Datasheet(HTML) 1 Page - Central Technologies

  CTXAL5030F-R82M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.12.17
Power Inductors - Shielded
www.ctparts.com
CTXAL5030F
Series
From 0.15µH to 4.7µH
SPECIFICATIONS
Inductance
Part
(µH)
Test
Number
±20% @ 0A
Frequency
@20°C @40°C
Typ. Max.
Typ.
Max.
CTXAL5030F-R15M
0.15
100KHz/0.1V
14.3
22.2
36.0
32.5
2.10
2.31
CTXAL5030F-R16M
0.16
100KHz/0.1V
14.2
22.2
35.0
32.0
2.12
2.33
CTXAL5030F-R33M
0.33
100KHz/0.1V
13.8
19.2
28.0
26.0
3.20
3.52
CTXAL5030F-R56M
0.56
100KHz/0.1V
13.6
17.7
22.2
20.2
4.05
4.52
CTXAL5030F-R60M
0.60
100KHz/0.1V
13.6
17.7
22.0
20.0
4.11
4.52
CTXAL5030F-R80M
0.80
100KHz/0.1V
10.1
13.1
20.0
18.0
5.14
5.65
CTXAL5030F-R82M
0.82
100KHz/0.1V
9.90
12.9
19.7
17.6
5.25
5.78
CTXAL5030F-1R0M
1.00
100KHz/0.1V
9.00
12.2
16.5
14.3
6.90
7.60
CTXAL5030F-1R2M
1.20
100KHz/0.1V
8.50
11.0
15.0
13.5
8.80
9.70
CTXAL5030F-1R5M
1.50
100KHz/0.1V
8.00
10.5
14.0
12.5
10.1
11.2
CTXAL5030F-1R8M
1.80
100KHz/0.1V
7.60
10.1
12.3
11.3
11.5
12.7
CTXAL5030F-2R2M
2.20
100KHz/0.1V
7.20
9.70
10.0
9.0
13.2
14.5
CTXAL5030F-3R3M
3.30
100KHz/0.1V
5.90
8.10
9.5
8.7
21.0
23.1
CTXAL5030F-4R7M
4.70
100KHz/0.1V
4.30
5.90
8.2
7.0
33.0
36.3
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD high current power inductors
Applications: Ideal for VRM/VRD applications
Operating Temperature: -40°C to +125°C (including self-
temperture rise)
Storage Temperature: -40°C to +125°C (on board)
Humidity Range: 85±2% RH
Irms: Will cause the coil temperature rise approximately
Δt of
40°C (keep 1 min)
Isat Typ.: Will cause L0 to drop approximately 30%
Part Temperature (Ambient+Temp.Rise): Should not exceed
125°C under worst case operating conditions
Storage Condition (component in its packaging):
1.
Temperature: Less than 40°C
2.
Humidity: 60% RH
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
L
G
4.5 Ref.
2.0 Ref.
Size
mm
inches
Unit: mm
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
0.22±0.008
0.21±0.008
0.11±0.008
0.17±0.012
0.04±0.008
0.09±0.010
Irms (A)
Typ.
Isat
(A)
DCR
(mΩ)
Notes:
1.) The above Pad Layout is for reference only
2.) Solder paste thickness of 0.12mm and above is recommended
*Isat Typ. and Irms Typ. value is derived based from accounting
the upper limit tolerance into the inductance value.
**At all times, the current supplied to the product should not exceed Isat Max. value.
A
B
C
D
E
F


Similar Part No. - CTXAL5030F-R82M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTXAL4020F CT-CTXAL4020F Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 10.12.17
CTXAL4020F-1R0M CT-CTXAL4020F-1R0M Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 10.12.17
CTXAL4020F-1R2M CT-CTXAL4020F-1R2M Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 10.12.17
CTXAL4020F-1R5M CT-CTXAL4020F-1R5M Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 10.12.17
CTXAL4020F-1R8M CT-CTXAL4020F-1R8M Datasheet
150Kb / 1P
Power Inductors - Shielded
REV 10.12.17
More results

Similar Description - CTXAL5030F-R82M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com