Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5116400F Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5116400F
Description  4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116400F Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5116400F Datasheet HTML 1Page - OKI electronic componets MSM5116400F Datasheet HTML 2Page - OKI electronic componets MSM5116400F Datasheet HTML 3Page - OKI electronic componets MSM5116400F Datasheet HTML 4Page - OKI electronic componets MSM5116400F Datasheet HTML 5Page - OKI electronic componets MSM5116400F Datasheet HTML 6Page - OKI electronic componets MSM5116400F Datasheet HTML 7Page - OKI electronic componets MSM5116400F Datasheet HTML 8Page - OKI electronic componets MSM5116400F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FEDD5116400F-01
1Semiconductor
MSM5116400F
5/15
DC CHARACTERISTICS
(VCC = 5V ± 10%, Ta = 0 to 70°C)
MSM5116400
F-50
MSM5116400
F-60
MSM5116400
F-70
Parameter
Symbol
Condition
Min.
Max.
Min.
Max.
Min.
Max.
Unit Note
Output High Voltage
VOH
IOH = −5.0mA
2.4
VCC
2.4
VCC
2.4
VCC
V
Output Low Voltage
VOL
IOL = 4.2mA
0
0.4
0
0.4
0
0.4
V
Input Leakage
Current
ILI
0V
≤ VI ≤ 6.5V;
All other pins not
under test = 0V
− 10
10
− 10
10
− 10
10
µA
Output Leakage
Current
ILO
DQ disable
0V
≤ VO ≤ VCC
− 10
10
− 10
10
− 10
10
µA
Average Power
Supply Current
(Operating)
ICC1
RAS, CAS cycling,
tRC = Min.
75
70
65
mA
1,2
RAS, CAS = V
IH
2
2
2
Power Supply
Current
(Standby)
ICC2
RAS, CAS
≥ VCC − 0.2V
1
1
1
mA
1
Average Power
Supply Current
(
RAS-only Refresh)
ICC3
RAS cycling,
CAS = V
IH,
tRC = Min.
75
70
65
mA
1,2
Power Supply
Current
(Standby)
ICC5
RAS = V
IH,
CAS = V
IL,
DQ = enable
5
5
5mA
1
Average Power
Supply Current
(
CAS before RAS
Refresh)
ICC6
RAS = cycling,
CAS before RAS
75
70
65
mA
1,2
Average Power
Supply Current
(Fast Page Mode)
ICC7
RAS = V
IL,
CAS cycling,
tPC = Min.
70
65
60
mA
1,3
Notes: 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while
RAS = VIL.
3. The address can be changed once or less while
CAS = VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com