Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSMDS4F-R82M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSMDS4F-R82M
Description  SMD Shielded RF Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSMDS4F-R82M Datasheet(HTML) 1 Page - Central Technologies

  CTSMDS4F-R82M Datasheet HTML 1Page - Central Technologies CTSMDS4F-R82M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.09.17
SMD Shielded RF Inductors
www.ctparts.com
CTSMDS4F
Series
From 0.10µH to 100,000µH
SPECIFICATIONS
L Test
SRF
DCR
Rated I
Part
Inductance
Freq.
Q
Min.
Max.
Max.
INCR
Number
(µH)
(_Hz)
Min.
(MHz)
(W)
(mA)
(mA)
CTSMDS4F-R10M
0.10
25M
50@25MHz
400
.026
3000
3000
CTSMDS4F-R12M
0.12
25M
50@25MHz
400
.029
2860
2860
CTSMDS4F-R15M
0.15
25M
50@25MHz
400
.034
2600
2600
CTSMDS4F-R18M
0.18
25M
50@25MHz
400
.044
2300
2300
CTSMDS4F-R22M
0.22
25M
50@25MHz
400
.056
2050
2050
CTSMDS4F-R27M
0.27
25M
50@25MHz
400
.090
1625
1625
CTSMDS4F-R33M
0.33
25M
47@25MHz
325
.122
1400
1400
CTSMDS4F-R39M
0.39
25M
47@25MHz
390
.161
1220
1220
CTSMDS4F-R47M
0.47
25M
47@25MHz
264
.218
1060
1060
CTSMDS4F-R56M
0.56
25M
45@25MHz
249
.290
900
900
CTSMDS4F-R68_
0.68
25M
43@25MHz
221
.382
790
790
CTSMDS4F-R82_
0.82
25M
41@25MHz
200
.450
725
725
CTSMDS4F-1R0_
1.0
25M
42@25MHz
156
.054
2080
2080
CTSMDS4F-1R2_
1.2
7.9M
43@7.9MHz
144
.070
1840
1840
CTSMDS4F-1R5_
1.5
7.9M
41@7.9MHz
128
.096
1560
1560
CTSMDS4F-1R8_
1.8
7.9M
42@7.9MHz
121
.107
1480
1480
CTSMDS4F-2R2_
2.2
7.9M
42@7.9MHz
108
.142
1290
1290
CTSMDS4F-2R7_
2.7
7.9M
41@7.9MHz
96
.184
1130
1130
CTSMDS4F-3R3_
3.3
7.9M
41@7.9MHz
88
.260
950
950
CTSMDS4F-3R9_
3.9
7.9M
41@7.9MHz
84
.354
815
815
CTSMDS4F-4R7_
4.7
7.9M
42@7.9MHz
72
.168
710
710
CTSMDS4F-5R6_
5.6
7.9M
42@7.9MHz
69
.511
680
680
CTSMDS4F-6R8_
6.8
7.9M
42@7.9MHz
62
.750
560
560
CTSMDS4F-8R2_
8.2
7.9M
46@7.9MHz
58
.828
535
535
CTSMDS4F-100_
10
7.9M
46@7.9MHz
53
1.270
532
432
CTSMDS4F-120_
12
2.5M
50@2.5MHz
47
1.760
368
368
CTSMDS4F-150_
15
2.5M
50@2.5MHz
41
2.300
325
325
CTSMDS4F-180_
18
2.5M
50@2.5MHz
43
.667
596
235
CTSMDS4F-220_
22
2.5M
50@2.5MHz
38
.742
565
220
CTSMDS4F-270_
27
1.0k
50@2.5MHz
36
.850
526
200
CTSMDS4F-330_
33
1.0k
50@2.5MHz
33
.928
505
190
CTSMDS4F-390_
39
1.0k
50@2.5MHz
29.4
1.280
429
180
CTSMDS4F-470_
47
1.0k
55@2.5MHz
26.5
1.480
400
175
CTSMDS4F-560_
56
1.0k
55@2.5MHz
25
1.640
380
160
CTSMDS4F-680_
68
1.0k
55@2.5MHz
23
2.200
328
150
CTSMDS4F-820_
82
1.0k
55@2.5MHz
14
1.960
349
140
CTSMDS4F-101_
100
1.0k
65@2.5MHz
12
2.280
322
120
CTSMDS4F-121_
120
1.0k
65@0.79MHz
11.2
2.450
311
95
CTSMDS4F-151_
150
1.0k
65@0.79MHz
10.5
2.790
294
90
CTSMDS4F-181_
180
1.0k
65@0.79MHz
10
3.080
277
85
CTSMDS4F-221_
220
1.0k
65@0.79MHz
9.4
3.480
251
80
CTSMDS4F-271_
270
1.0k
65@0.79MHz
8.0
4.550
231
70
CTSMDS4F-331_
330
1.0k
65@0.79MHz
7.3
5.100
215
65
CTSMDS4F-391_
390
1.0k
65@0.79MHz
6.9
5.620
205
60
CTSMDS4F-471_
470
1.0k
70@0.79MHz
6.5
6.450
192
58
CTSMDS4F-561_
560
1.0k
70@0.79MHz
6.0
8.000
174
55
CTSMDS4F-681_
680
1.0k
75@0.79MHz
5.6
8.850
163
50
CTSMDS4F-821_
820
1.0k
70@0.79MHz
4.8
10.400
151
45
CTSMDS4F-102_
1000
1.0k
65@0.79MHz
4.5
12.100
139
40
CTSMDS4F-122_
1200
1.0k
70@0.25MHz
2.6
15.1
125
35
CTSMDS4F-152_
1500
1.0k
70@0.25MHz
2.5
16.8
119
33
CTSMDS4F-182_
1800
1.0k
70@0.25MHz
2.3
19.1
111
30
CTSMDS4F-222_
2200
1.0k
70@0.25MHz
2.2
22.0
103
27
CTSMDS4F-272_
2700
1.0k
70@0.25MHz
2.1
25.1
97
25
CTSMDS4F-332_
3300
1.0k
70@0.25MHz
2.0
33.3
85
22
CTSMDS4F-392_
3900
1.0k
70@0.25MHz
1.8
36.8
80
20
CTSMDS4F-472_
4700
1.0k
70@0.25MHz
1.7
51.2
68
19
CTSMDS4F-562_
5600
1.0k
70@0.25MHz
1.6
54.6
66
17
CTSMDS4F-682_
6800
1.0k
70@0.25MHz
1.5
62.0
62
16
CTSMDS4F-822_
8200
1.0k
70@0.25MHz
1.4
86.6
52
15
CTSMDS4F-103_
10000
1.0k
70@0.25MHz
1.3
93.1
50
14
CTSMDS4F-123_
12000
1.0k
50@.079MHz
.88
84.0
53
13
CTSMDS4F-153_
15000
1.0k
50@.079MHz
.78
97.0
49
12
CTSMDS4F-183_
18000
1.0k
50@.079MHz
.72
104
48
10
CTSMDS4F-223_
22000
1.0k
50@.079MHz
.57
145
40
9
CTSMDS4F-273_
27000
1.0k
50@.079MHz
.46
195
34
8
CTSMDS4F-333_
33000
1.0k
50@.079MHz
.42
222
32
7
CTSMDS4F-393_
39000
1.0k
50@.079MHz
.42
242
31
6
CTSMDS4F-473_
47000
1.0k
50@.079MHz
.37
317
27
5.5
CTSMDS4F-563_
56000
1.0k
50@.079MHz
.36
362
25
5
CTSMDS4F-683_
68000
1.0k
50@.079MHz
.35
410
24
4
CTSMDS4F-823_
82000
1.0k
50@.079MHz
.34
440
23
3.5
CTSMDS4F-104_
100000
1.0k
50@.079MHz
.32
484
22
3
Not Shown at Actual Size
CHARACTERISTICS
Description: SMD shielded RF inductor.
Applications: Used for high reliability applications. Vital for tele-
communication applications. Ideal for various RF applications.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±5%, ±10%, ±20%
Testing: Inductance and Q tested on an HP4287A at specified
frequency.
Packaging: Tape & Reel.
Rated Current: Based on the inductance change within 10% of
inital value.
Incremantal Current: DC current required to cause a maximum
reduction of 5% in the inductance for nominal value of inductance
measured with zero DC current.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Please specify tolerance code when ordering.
CTSMDS4F-R68_
J = ±5%, K = ±10%, M= ±20%


Similar Part No. - CTSMDS4F-R82M

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CTS SYSTEMSENSOR-CTS Datasheet
663Kb / 2P
Waterflow Detector
CTS SYSTEMSENSOR-CTS Datasheet
411Kb / 2P
Waterfl ow Detector
CTS SYSTEMSENSOR-CTS Datasheet
494Kb / 2P
Waterflow Detector
logo
General Devices Company...
CTS GENERALDEVICES-CTS Datasheet
255Kb / 2P
Optional Mounting Brackets
logo
Premium PSU
CTS-120-6865 PSU-CTS-120-6865 Datasheet
759Kb / 9P
CTS-120
More results

Similar Description - CTSMDS4F-R82M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com