Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1607ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1607ACPZN-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1607ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADP1606/ADP1607
TIME (200µs/DIV)
VIN = 1.2V
VOUT = 3.3V
RLOAD = 33Ω
EN PIN VOLTAGE
(1V/DIV)
INDUCTOR CURRENT
(500mA/DIV)
SW PIN VOLTAGE
(2V/DIV)
OUTPUT VOLTAGE
(1V/DIV)
1
4
3
2
Figure 23. Startup, RLOAD = 33 Ω
TIME (10µs/DIV)
VIN = 1.2V
VOUT = 3.3V
ILOAD = 10mA
INDUCTOR CURRENT
(200mA/DIV)
SW PIN VOLTAGE
(2V/DIV)
OUTPUT VOLTAGE (100mV/DIV)
AC COUPLED
1
4
2
Figure 24. Typical PFM Mode Operation, ILOAD = 10 mA
TIME (400ns/DIV)
VIN = 1.2V
VOUT = 3.3V
ILOAD = 100mA
INDUCTOR CURRENT
(100mA/DIV)
SW PIN VOLTAGE
(2V/DIV)
OUTPUT VOLTAGE (20mV/DIV)
AC COUPLED
1
4
2
Figure 25. Typical PWM Mode Operation, ILOAD = 100 mA
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = 0.8V
VIN = 1.2V
VIN = 1.5V
ADP1606
VOUT = 1.8 V
Figure 26. ADP1606 Auto Mode Efficiency vs. Load Current, VOUT = 1.8 V
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = 0.8V
VIN = 1.2V
VIN = 1.5V
ADP1606
VOUT = 1.8 V
Figure 27. ADP1606 Auto Mode Output Voltage Load Regulation, VOUT = 1.8 V
Rev. D | Page 9 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com