Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VZPR-BPD-22-R38 Datasheet(PDF) 1 Page - Festo Corporation.

Part # VZPR-BPD-22-R38
Description  Ball valve actuator unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VZPR-BPD-22-R38 Datasheet(HTML) 1 Page - Festo Corporation.

  VZPR-BPD-22-R38 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ball valve actuator unit
VZPR-BPD-22-R38
Part number: 540511
Data sheet
Feature
Value
Type code
VZPR
Structural design
2-way ball valve
Quarter turn actuator
Actuation type
Electrical
Pneumatic
Mounting position
Any
Type of mounting
CNOMO
With internal thread
Fitting connection
Rp3/8
Switching position indication
Knob direction = flow direction
Nominal width DN
15
Operating pressure of actuator
1 bar ... 8.4 bar
Nominal pressure of fitting PN
40
Symbol
00991921
Temperature of medium
-20 °C ... 150 °C
Ambient temperature
-20 °C ... 80 °C
Note on materials
Contains paint-wetting impairment substances
Product weight
1300 g
Corrosion resistance class (CRC)
1 - Low corrosion stress
11/26/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - VZPR-BPD-22-R38

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VZPR-BPD-22-R38 FESTO-VZPR-BPD-22-R38 Datasheet
92Kb / 1P
Ball valve actuator unit
More results

Similar Description - VZPR-BPD-22-R38

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VZPR-BPD-22-R2 FESTO-VZPR-BPD-22-R2 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R38 FESTO-VZPR-BPD-22-R38 Datasheet
92Kb / 1P
Ball valve actuator unit
1774103 FESTO-1774103 Datasheet
111Kb / 2P
Ball valve actuator unit
1774109 FESTO-1774109 Datasheet
111Kb / 2P
Ball valve actuator unit
1914792 FESTO-1914792 Datasheet
101Kb / 2P
Ball valve actuator unit
11/19/21
1915076 FESTO-1915076 Datasheet
101Kb / 2P
Ball valve actuator unit
11/19/21
1809657 FESTO-1809657 Datasheet
104Kb / 2P
Ball valve actuator unit
11/18/21
1810732 FESTO-1810732 Datasheet
99Kb / 2P
Ball valve actuator unit
11/18/21
1810735 FESTO-1810735 Datasheet
99Kb / 2P
Ball valve actuator unit
11/18/21
1913367 FESTO-1913367 Datasheet
93Kb / 2P
Ball valve actuator unit
11/22/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com