Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R4760 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R4760
Description  Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R4760 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R4760_V01 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R4760_V01 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R4760_V01 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R4760_V01 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
ƒ
Qualcomm ARM® Cortex®-A53 APQ8016 Quad core up to 1.2 GHz
ƒ
Onboard 1GB/2GB LPDDR3 memory and 8GB eMMC
ƒ
1 HDMI, 1 RS-232/422/485, 1 GbE, 4 USB 2.0, 8 GPIO
ƒ
Highly intergrated on-board wireless connectivity - Wi-Fi, BT, and GNSS
ƒ
Connevtivity expansion capability - M.2, mini-PCIe
ƒ
Wide voltage range DC power input
ƒ
Support Android, Linux and Debian
EPC-R4760
Qualcomm APQ-8016 Cortex-A53 ARM
Based Box Computer
Introduction
EPC-R4760 is an ARM based Box Computer powered by Qualcomm ARM® Cortex®-A53 APQ8016 processor that supports full HD display and intergrades on board wireless solution
– Wi-Fi, BT and GPS. EPC-R4760 also features in mini PCIe, M.2, and SIM card slots for expanding connectivity capability, like 3G, 4G/LTE modules. Equipped with complete Android,
Linux and Win10 IoT core BSPs, this box computer enables customers to easily develop unique application on specific OS.
Specifications
Form Factor
ARM-based Box Computer
Processor System
CPU
Quad-core ARM® Cortex® A53 APQ8016
Technology
LPDDR3 1066MHz
Capacity
On-board 1GB / 2GB LPDDR3
Flash
8GB
Graphics
HDMI
1 HDMI, 1920 x 1080 at 60Hz
H/W Video Codec
Encode: 30 fps 720p (H.264 Baseline/MPEG-4)
30 fps 1080p (MPEG-4/H.264/VP8/H.263)
Decode: 30 fps 1080p (MPEG-4/H.264/H.263/DivX/MPEG2/VC1/Soreson/VP8)
Ethernet
Chipset
Microchip LAN7500
Speed
1 10/100/1000 Mbps
Connectivity
Wi-Fi
WCN3620 802.11 b/g/n 2.4GHz
Bluetooth
WCN3620 Bluetooth 4.1
GNSS
WGR7640
RTC
Yes
WatchDog Timer
Yes
Expansion
SD socket
1 x SD socket
M.2
1 x M.2 2230 Key.E
mini PCIe
1 x Full size mini PCIe slot (USB signal only)
SIM
1 x mini-SIM slot
I/O
SATA
-
SATA Power
-
USB
4 x USB 2.0 Type A / 1 micro USB client
Audio
-
SPDIF
-
Serial Port
1 x 4 wires RS-232/422/485 via D-SUB 9
SPI
-
CAN
-
GPIO
8 x GPIO via D-SUB 9 (3.3V TTL level)
I2C
-
System Bus
-
Touch
-
I/R
-
LED
1 x Power LED, 1 x Wi-Fi&BT LED
Button
-
Power
Power Supply Voltage
9-36V
Power Type
DC-in
Power Consumption
6.2W
Environment
Operational Temperature
0 ~ 40° C
Operating Humidity
5% ~ 95%
Mechanical
Dimensions (W x D)
188 x 150 x 39 mm
Operating System
Android / Yocto Linux / Debian
Certifications
CE/RED/FCC/IC/SRRC/TELEC
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice.
Last updated: 7-Jul-2021


Similar Part No. - EPC-R4760_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R4760CQ-QNA1E ADVANTECH-EPC-R4760CQ-QNA1E Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
EPC-R4760CQ-WNA1E ADVANTECH-EPC-R4760CQ-WNA1E Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
More results

Similar Description - EPC-R4760_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200 ADVANTECH-UBC-200_15 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EPC-R4680 ADVANTECH-EPC-R4680 Datasheet
565Kb / 2P
Rockchip RK3288 Cortex-A17 ARM Based Box Computer
19-Dec-2018
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R4710 ADVANTECH-EPC-R4710 Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
EPC-R7000 ADVANTECH-EPC-R7000 Datasheet
2Mb / 4P
NVIDIA Jetson TX2 ARM-Based Edge AI Inference Box Computer
7-Jul-2021
TPC-100W ADVANTECH-TPC-100W Datasheet
577Kb / 2P
7"/10.1"/15.6" Touch Panel Computer with ARM Cortex™-A53 Processor
7-Sep-2022
logo
BCM Advanced Research.
AR8MXMQ BCM-AR8MXMQ Datasheet
591Kb / 1P
NXP i.MX 8M ARM Motherboard supports Cortex A53/ Cortex M4, Quad Core Processor
2021/06/09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com