Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIT-R181 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # HIT-R181
Description  New Revolutionary 18.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HIT-R181 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  HIT-R181_V01 Datasheet HTML 1Page - Advantech Co., Ltd. HIT-R181_V01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
HIT-R181
Specifications (Cont.)
Power Supply
AC/DC Adapter
Input Voltage
100 ~ 240 VAC, 1.1 ~ 0.45 A @ 47~ 63 Hz
Output Voltage
IT or Medical 12~19 VDC, 3.5A
Environment
Operating Temperature
0 ~ 40° C
IP Rating
IP65 Front Panel
Vibration
1 G
Shock
10 G peak acceleration (11 msec, duration)
EMC & Safety Cert.
CE, FCC, CCC, BSMI, CB, UL ITE & Medical, EN 60950 & 60601-1 approved
Ordering Information
Part Number
Description
HIT-R181BR-AMW1E
18.5" Wide Screen, Intel J1900, Resistive Touch, 4G
RAM, 500G HDD, Smart Card Reader, Camera, WiFi,
BT, RFID, Medical Adapter, Win8 Embedded Standard
HIT-R181BP-AMW1E
18.5" Wide Screen, Intel J1900, Pcap Touch, 4G
RAM, 500G HDD, Smart Card Reader, Camera, WiFi,
BT, RFID, Medical Adapter, Win8 Embedded Standard
Accessories
Part Number
Description
HIT-R181-HSK0E
HIT-R181 Handset Kit
Fully- Integrated I/O
A. Camera Cover Button
B. Handset Docking
C. RJ12 Handset Connector
D. TV SMA Jack (Optional)
E. Phoenix Port
F. RJ45
G. USB 3.0 (BayTrail Only)
USB 2.0 (iMX6)
H. DC-In
I. Speaker
J. SD Slot (iMX6 Only)
K. Power Button
L. USB 2.0 x2 (BayTrail)
USB 2.0 x1 (iMX6)
M. Mic In
N. Headphone Out
O. Smart Card Reader
P. Internal Mic
Q. HDMI (Optional)
A
B
C
Q
I
I
O
J
K L MN
D
EF G
H
B
C
P
Q
477.4
44.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com