Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIT-R181BP-AMW1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # HIT-R181BP-AMW1E
Description  New Revolutionary 18.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HIT-R181BP-AMW1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  HIT-R181BP-AMW1E Datasheet HTML 1Page - Advantech Co., Ltd. HIT-R181BP-AMW1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Healthcare Infotainment Terminals
Features
HIT-R181
New Revolutionary 18.5" Healthcare/
Hospitality Infotainment Terminals
ƒ Industrial design in slim and stylish form factor for healthcare and hospitality
applications
ƒ Multiple platforms in low power and fan-less design
ƒ Easy to clean, full-flat front touch panel with IP rating compliant
ƒ Camera cover available to enhance patients’ privacy
ƒ VESA 75/100 standard mounting holes
ƒ Programmable touch hotkeys on front panel
ƒ Rich peripherals - Handset/MSR/RFID/WiFi/HDMI-In/Out/TV Tuner/Smart
Card Reader
ƒ ITE & Medical dual certification (EN-60950 & EN-60601-1)
Introduction
HIT-R181 is a new generation of HIT-Series, featuring a 45mm thin body enclosure, USB 3.0, 5M Pixel Camera, HDMI In/Out, Dual Smart Card and Dual Ethernet. These new features
can let hospital effortlessly and economically establish their IT infrastructure. Privacy is always the concern in the clinic environment. With camera cover and optional privacy screen,
patient will be satisfied by the quality of service during their stays. The performance of HIT-R181 is amazing which can provide patients various entertainment programs such as TV,
movies or computer games. The terminal can run seamlessly with Microsoft Windows Embedded OS on the latest BayTrail Quad Core processor and Linux OS on Freescale iMX6
processor.
Specifications
Hardware
CPU
Intel Celeron QC J1900 2.0GHz Processor
Memory
DDR3L 2GB/4GB (MAX)
Primary Storage
500GB 2.5" SATA HDD
Extend Storage
NA
Camera
5M CMOS with LED Indicator & Button
Bus Expansion
Half Mini-PCIe x 1, Full Mini-PCIe x 1
Display
Size
18.5" W TFT LED
Max Resolution
1366 x 768
Luminance
250 cd/m2
Contrast Ratio
1000:1
Touchscreen
Type
Resistive 5 wires (Flat Glass) / Projected Capacitive (Flat Glass)
Durability
30 million touches
Front Button
Hotkey
Default (1 key): Display On/Off with light indicator
Optional (8 keys): Display on/off, Play/pause, forward, reserve, CH+, CH-, Vol+, Vol-
I/O Ports
USB 3.0
1 (Rear)
USB 2.0
2 (Bottom)
HDMI Out
1 (Rear)
SD Slot
NA
Smart Card Reader
1
RFID
1
Headphone out
1
Microphone in
1
Handset out
1
Phoenix Port
1
DC-in
1
TV Tuner (SMA Jack)
1
Power Button
1
Audio
Speaker
2 watt x 2 , Audio output control via GPIO
Internal Microphone
1
Network
LAN (Isolated)
10/100/1000 RJ-45 x 1
Bluetooth
BT4.0(Optional)
WLAN
802.11 a/b/g/n (Optional)
Software
OS
Embedded Linux 3.0, Android 4.x
Embedded 7 Standard, 7 Pro, 8 Standard, 8 Pro
Mechanical
Mounting
VESA 75 x 75 & 100 x 100 mm
Dimensions ( W x H x D)
477.4 x 377.0 x 44.3 mm
Weight
Net Weight: 4.6kg (10.14lb) without adapter
Gross Weight: 7kg (15.43lb)
Option
2nd Enthernet (w/o WOL),
HDMI In (1080p Capture),
or TV Tuner
Optional (Built-in Module)
2nd Smart Card Reader
Optional (Built-in Module)
MSR
Optional (Add-On Module)
Finger Scanner
Optional (Add-On Module)
Handset
Optional (Add-On Module)
HDMI-I video capture
Optional (Rear I/O)
All product specifications are subject to change without notice
Last updated : 5-Jun-2017


Similar Part No. - HIT-R181BP-AMW1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-R181BP-AMW1E ADVANTECH-HIT-R181BP-AMW1E Datasheet
480Kb / 2P
New Revolutionary 18.5" Healthcare/ Hospitality Infotainment Terminals
More results

Similar Description - HIT-R181BP-AMW1E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPP17N80C3 INFINEON-SPP17N80C3_08 Datasheet
401Kb / 10P
CoolMOS Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
logo
Advantech Co., Ltd.
HIT-R151BR-AMW1E ADVANTECH-HIT-R151BR-AMW1E Datasheet
604Kb / 2P
New Revolutionary 15.6" Healthcare/Hospitality Infotainment Terminals
HIT-R181BR-AMW1E ADVANTECH-HIT-R181BR-AMW1E Datasheet
480Kb / 2P
New Revolutionary 18.5" Healthcare/ Hospitality Infotainment Terminals
logo
Infineon Technologies A...
SPW11N80C3 INFINEON-SPW11N80C3_11 Datasheet
509Kb / 10P
New revolutionary high voltage technology
Rev. 2.91 2011-09-27
logo
Advantech Co., Ltd.
HIT-R151 ADVANTECH-HIT-R151 Datasheet
604Kb / 2P
New Revolutionary 15.6' Healthcare/Hospitality Infotainment Terminals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com