Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B102LP Datasheet(PDF) 3 Page - Protek Devices

Part # 587B102LP
Description  LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B102LP Datasheet(HTML) 3 Page - Protek Devices

  587B102LP Datasheet HTML 1Page - Protek Devices 587B102LP Datasheet HTML 2Page - Protek Devices 587B102LP Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.protekdevices.com
05057.R4 12/03
587B062LP
thru
587B302LP
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein
without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement
concerning selection and specifications is the buyer’s and that in furnishing engineering and technical assistance,
ProTek assumes no responsibility with respect to the selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
1.63”
(44.14 mm)
4.38”
(111.3 mm)
3.81”
(96.8 mm)
0.586”
(14.43 mm)
3.50”
(88.9 mm)
1.10”
(27.9 mm)
2.30”
(58.42 mm)
Line 1 Out
Line 2 Out
Neutral 1 Out
Neutral 2 Out
Ground Out
Line In
Dia 0.181”
Neutral In
Ground In
Note: Connector accepts 10-24 gauge wire.
SURGEBUSTER®
AC LINE
SURGE SUPPRESSOR
587B162LP
MADE IN USA
240 VAC
50/60 Hz
16A
®



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com