Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB80 Datasheet(PDF) 1 Page - Protek Devices

Part # MB80
Description  MOTHERBOARD & ENCLOSURE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MB80 Datasheet(HTML) 1 Page - Protek Devices

  MB80 Datasheet HTML 1Page - Protek Devices MB80 Datasheet HTML 2Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CPE 80
&
MB 80
1
05072.R2 1/03
www.protekdevices.com
MOTHERBOARD & ENCLOSURE
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Multiple Data Line Panel Protection
✔ Emergency Shutdown Systems
✔ Process Control Panels
FEATURES
✔ MB 80: Glass Filled Laminate Circuit Board with Stand-Offs
✔ CPE 80: Rugged Cast Aluminum Two-Tone Baked Enamel Base &
Removable Cover
✔ Wiring Interface Accepts a Maximum of Eight(8) Circuit Boards
✔ Two 10-32 Brass Ground Studs for Low Impedance
✔ Motherboard is Clearly Marked for Easy Installation
MECHANICAL CHARACTERISTICS
✔ Screw Type Stripline Connectors for AWG 20-24 Wire
✔ Four (4) Mounting Holes for #8 Screws
✔ Approximate Weight of the MB 80: 340 grams
✔ Approximate Weight of the CPE 80: 1.6 kilograms
✔ Dimensions of the MB 80: 9”H (22.9 cm) x 5.5”W (14 cm), with 3” (7.6 cm)
Minimum Interface Depth if Mounting in an Enclosure
✔ Dimensions of the CPE 80: 9.5”H (24.1 cm) x 6.25”W (15.8 cm), with 3.5”
(8.9 cm) Minimum Interface Depth if Mounting in an Enclosure
DESCRIPTION
The CPE 80 and MB 80 provides protection of 32 data lines using up to eight (8)
SPDs (surge protection device). These products accomodate a variety of SPDs
such as 232B, 422B and 420LB; which are not included with the motherboard
or enclosure. Available from ProTek Devices, each data line SPD has four, two
stage protection circuits. The SPDs provide primary and secondary protection
against lightning, inductive switching and ESD transient threats. The first stage
diverts the transient current through the ground terminal return part and the
second stage clamps the voltage to a safe level without interruption of service.
These interface board assemblies are located between the unprotected
transient threat environment (incoming data lines) and the protected sensitive
electronic equipment or system. The motherboard is marked identifying the
protected side. The unprotected side should be located away from the protected data line
cables.
The MB 80 is a motherboard containing eight (8) edge card connectors and two (2) strip
terminal blocks. The edge card connectors are soldered onto the motherboard, which is
connected to the terminal blocks by copper traces. The terminal blocks have screw type
connections for easy installation between the unprotected and the protected equipment.
Data line surge protection devices are inserted into the edge card connectors for protection
of sensitive equipment and/or systems.
The CPE 80 includes a motherboard (MB 80) inside a rugged, cast aluminum housing with
a removable cover. The housing contains two (2) holes on either side of the case for data
line cables. Mounting hardware is provided for the data line cables.
MB 80 MOTHERBOARD
CPE 80 ENCLOSURE


Similar Part No. - MB80

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
Magnetic field sensor
logo
Murata Manufacturing Co...
MB80101BAN MURATA-MB80101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB80101BBN MURATA-MB80101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB80101CAN MURATA-MB80101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB80101CBN MURATA-MB80101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB80

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
Embedded Motherboard
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
Embedded Motherboard
EMB-A50M AAEON-EMB-A50M Datasheet
354Kb / 2P
Embedded Motherboard
EMB-QM67 AAEON-EMB-QM67 Datasheet
301Kb / 2P
Embedded Motherboard
EMB-6908T AAEON-EMB-6908T_15 Datasheet
382Kb / 2P
Embedded Motherboard
EMB-9658T AAEON-EMB-9658T_15 Datasheet
324Kb / 2P
Embedded Motherboard
EMB-A50M AAEON-EMB-A50M_15 Datasheet
354Kb / 2P
Embedded Motherboard
EMB-QM67 AAEON-EMB-QM67_15 Datasheet
301Kb / 2P
Embedded Motherboard
logo
List of Unclassifed Man...
GA-E3000N ETC-GA-E3000N Datasheet
10Mb / 31P
Motherboard Layout
X9SAE ETC1-X9SAE Datasheet
6Mb / 105P
Supermicro Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com