Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4748312 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4748312
Description  Pinch valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4748312 Datasheet(HTML) 1 Page - Festo Corporation.

  4748312 Datasheet HTML 1Page - Festo Corporation. 4748312 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pinch valve
VZQA-C-M22C-6-GG-ALALE-4
Part number: 4748312
Data sheet
Feature
Value
Type code
VZQA
Structural design
Pinch valve, pneumatically operated
Actuation type
Pneumatic
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
G1/4
Nominal width DN
6
Valve function
2/2, closed, monostable
Flow direction
Reversible
Medium pressure
0 MPa ... 0.4 MPa
Medium pressure
0 bar ... 4 bar
Medium pressure
0 psi ... 58 psi
Operating pressure
0.34 MPa ... 0.6 MPa
Operating pressure
3.5 bar ... 6 bar
Operating pressure
49.3 psi ... 87 psi
Nominal pressure of fitting PN
10
Burst pressure
1.6 MPa
Burst pressure
16 bar
Burst pressure
232 psi
Reset method
Mechanical spring
Type of control
Externally controlled
Auxiliary pilot air port 12
M3
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:1]
Symbol
00992981
Medium
Compressed air as per ISO 8573-1:2010 [-:-:1]
Water
Max. viscosity
4000 mm²/s
Temperature of medium
-5 °C ... 100 °C
Ambient temperature
-5 °C ... 60 °C
Storage temperature
6 °C ... 8 °C
Flow rate Kv
0.7 m³/h
On switching time
125 ms
Switching time off
125 ms
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
11/26/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 4748312

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4748311 FESTO-4748311 Datasheet
96Kb / 2P
Pinch valve
11/26/21
More results

Similar Description - 4748312

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2931678 FESTO-2931678 Datasheet
94Kb / 2P
Pinch valve
11/26/21
2931679 FESTO-2931679 Datasheet
99Kb / 2P
Pinch valve
11/26/21
2931685 FESTO-2931685 Datasheet
98Kb / 2P
Pinch valve
11/26/21
3022830 FESTO-3022830 Datasheet
98Kb / 2P
Pinch valve
11/26/21
3022831 FESTO-3022831 Datasheet
99Kb / 2P
Pinch valve
11/26/21
3022837 FESTO-3022837 Datasheet
102Kb / 2P
Pinch valve
11/26/21
3412428 FESTO-3412428 Datasheet
96Kb / 2P
Pinch valve
11/26/21
3412430 FESTO-3412430 Datasheet
99Kb / 2P
Pinch valve
11/26/21
3968924 FESTO-3968924 Datasheet
97Kb / 2P
Pinch valve
11/26/21
8091739 FESTO-8091739 Datasheet
96Kb / 2P
Pinch valve
11/26/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com