Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-USB8 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCE-USB8
Description  PCI Express x4, 4/8-Port USB 3.0 Expansion Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-USB8 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCE-USB8 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Intelligent Inspection Systems
Features
PCE-USB4 (4 ports)
PCE-USB8 (8 ports)
ƒ Four USB 3.0 host controllers
ƒ Supports 1500mA Max. current per port
ƒ Supports four or eight USB 3.0 ports
ƒ Compliant with USB 3.0 specification and Intel® xHCI specification,
revision 1.0
ƒ PCI Express x4 interface
ƒ Supports Microsoft Windows 7/8.1/10 and Linux operating systems
PCI Express x4, 4/8-Port USB 3.0
Expansion Card
Introduction
PCE-USB4 is a 4-port PCIe x4 expansion card aimed at industrial imaging applications. Featuring four independent Renesas μPD720202 USB 3.0 host controllers, a Gen 2 PCI
Express® x4 interface, and a per-port bandwidth of 5 Gbps when operating four ports simultaneously, PCE-USB4 delivers maximal per-port performance. PCE-USB4 features four
USB 3.0 ports (for expansion, PCE-USB8 features eight USB 3.0 ports) with 1500 mA current to ensure stable power for external USB devices. PCE-USB4 is a high-bandwidth
industrial-power expansion card designed for machine vision, factory automation, and medical applications, as well as any other applications that require high data transfer speeds.
Specifications
USB
Interface
PCI Express x4
Connector
4 x USB 3.0 Type A (PCE-USB4-00A1E)
8 x USB 3.0 Type A (PCE-USB8-00A1E)
Host Bus
4-lane Gen 2 PCIe interface, compliant with PCI Express Base Specification, Revision 2.0
Controller
4 x Renesas μPD720202 host controllers
Compliant with Universal Serial Bus 3.0 Specification and Intel® xHCI Specification, Revision 1.0
Max. current
1500 mA maximum per port
Data Transfer Rate
Super speed (5.0 Gbps)/high speed (480.0 Mbps)/full speed (12.0 Mbps)/low speed (1.5 Mbps)
Environment
Operating Temperature
0 ~ 60 °C
Storage Temperature
-40 ~ 85 °C
Dimensions (L x H)
118 x 111 mm (4.64" x 4.37")
Certifications
CE/FCC, Class B
PCE-USB8
PCE-USB4
Ordering Information
Part Number
Description
PCE-USB4-00A1E
PCIe x4, 4-port USB 3.0 expansion card
PCE-USB8-00A1E
PCIe x4, 8-port USB 3.0 expansion card
I/O View
PCE-USB4-00A1E
PCE-USB8-00A1E
Note: Indicated USB3.0 port cannot support USB3.0 type A locking cable.
All product specifications are subject to change without notice.
Last updated: 21-Jul-2021


Similar Part No. - PCE-USB8

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-USB8 ADVANTECH-PCE-USB8 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
PCE-USB8-00A1E ADVANTECH-PCE-USB8-00A1E Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
More results

Similar Description - PCE-USB8

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
PCI Express Mini Card expansion
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
PCI Express Mini Card expansion
CAPA801 AXIOMTEK-CAPA801_14 Datasheet
508Kb / 2P
PCI Express Mini Card expansion
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Vecow Co., Ltd.
PE-1004 VECOW-PE-1004 Datasheet
276Kb / 1P
PCI Express 4-port PoE Expansion Card, PCI Express x4, 4 GigE LAN, IEEE 802.3at compliant
PE-2004 VECOW-PE-2004 Datasheet
281Kb / 1P
Intel I210 PCI Express PoE Expansion Card, PCI Express x4, 4 GigE LAN, IEEE 802.3at compliant
PE-5004 VECOW-PE-5004 Datasheet
1Mb / 2P
Intel XL710 4-port 10GigE PoE PCI Express Expansion Card
logo
Broadcom Corporation.
BCM5719 BOARDCOM-BCM5719 Datasheet
678Kb / 2P
X4 PCI EXPRESS QUAD-PORT GIGABIT ETHERNET CONTROLLER
logo
Advantech Co., Ltd.
PCE-GIGE2 ADVANTECH-PCE-GIGE2 Datasheet
547Kb / 1P
PCI Express x4, 2/4-Port GbE Expansion Card
22-Jan-2018
PCE-GIGE2 ADVANTECH-PCE-GIGE2_V01 Datasheet
568Kb / 1P
PCI Express x4, 2/4-Port GbE Expansion Card
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com