Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF2SPK10FCC Datasheet(PDF) 4 Page - Protek Devices

Part # EMIF2SPK10FCC
Description  EMI FILTER/TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF2SPK10FCC Datasheet(HTML) 4 Page - Protek Devices

  EMIF2SPK10FCC Datasheet HTML 1Page - Protek Devices EMIF2SPK10FCC Datasheet HTML 2Page - Protek Devices EMIF2SPK10FCC Datasheet HTML 3Page - Protek Devices EMIF2SPK10FCC Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05211.R1 9/05
EMIF2SPK-10FCC
PACKAGE OUTLINE & DIMENSIONS
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Plastic 8mm Tape: Suffix-T73-1 = 7 Inch Reel - 3,000 pieces per reel, i.e.,
EMIF2SPK-10FCC-T73-1.
3. Suffix - LF - Lead-Free, i.e.,
EMIF2SPK-10FCC-LF-T73-1.
Outline & Dimensions: Rev 0 - 3/04, 06055
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Tape & Reel Specifications (Dimensions in millimeters)
DE
P0
t
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10 0.20±0.025
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)
8mm
1.08 ± 0.05 1.60 ± 0.05 0.72 ± 0.05
A
B
C
D
E
F
G
H
I
J
0.914
1.285
0.495
0.245
0.430
0.430
0.180
0.180
0.432
0.330
0.036
0.0506
0.0195
0.0096
0.0169
0.0169
0.0071
0.0071
0.017
0.013
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
PACKAGE OUTLINE
1.016
1.375
0.505
0.255
0.440
0.440
0.280
0.280
0.559
0.457
0.040
0.0541
0.0199
0.0100
0.0173
0.0173
0.0110
0.0110
0.022
0.018
MIN
MIN
MAX
MAX
NOTE:
1. Controlling dimensions in millimeters.
12
O
G
I
BOTTOM VIEW
G
A
C
E
F
H
I
B
J
D
0.30 DIA.
63/67 Sn/Pb
SOLDER BUMPS
SIDE VIEW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com