Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESOT3.3LCC Datasheet(PDF) 2 Page - Protek Devices

Part # ESOT3.3LCC
Description  LOW CAPACITANCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESOT3.3LCC Datasheet(HTML) 2 Page - Protek Devices

  ESOT3.3LCC Datasheet HTML 1Page - Protek Devices ESOT3.3LCC Datasheet HTML 2Page - Protek Devices ESOT3.3LCC Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.protekdevices.com
05178.R1 3/05
ESOT3.3LCC
DEVICE CHARACTERISTICS
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
1
10
100
1,000
50W, 8/20µs Waveform
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Power (tp = 8/20µs) - See Figure 1
Peak Pulse Current (tp = 8/20µs)
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
A
Watts
UNITS
50
TJ
IPP
PPP
PARAMETER
Storage Temperature
5
TSTG
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MINIMUM
SNAP BACK
VOLTAGE
@ I
SB = 50mA
V
SB
VOLTS
ESOT3.3LCC
T3
3.3
3.6
3.3
TYPICAL
CAPACITANCE
@0V, 1MHz
C
pF
215
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
Note 1: Bidirectional, test in both directions. Pin 3 is not connected.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com