Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 9Page - Analog Devices ADP5003 Datasheet HTML 10Page - Analog Devices ADP5003 Datasheet HTML 11Page - Analog Devices ADP5003 Datasheet HTML 12Page - Analog Devices ADP5003 Datasheet HTML 13Page - Analog Devices ADP5003 Datasheet HTML 14Page - Analog Devices ADP5003 Datasheet HTML 15Page - Analog Devices ADP5003 Datasheet HTML 16Page - Analog Devices ADP5003 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 13 of 31
CH1 5.00A
CH2 500mV
M20.0ms
A CH2
510mV
T
40.0080ms
B
W
B
W
CH3 10.0V BW
2
1
3
IL
VSW1
VPVOUT1
Figure 27. Entering Hiccup Mode
(VSW1 is the Voltage of the SW1 Pin, and IL is Inductor Current)
CH1 1A
CH2 2V
M400µs
A CH2
1.56V
B
W
B
W
CH3 1V
CH4 10V
B
W
2
3
1
4
VSW1
ILOAD1
VPVOUT1
VEN1
Figure 28. Buck Startup, VPVOUT1 = 3.3V, ILOAD1 = 3 A
(VEN1 is the EN1 voltage.)
CH2 500mV
CH4 20.0mV
M80µs
A CH2
12.4V
T 25.50%
Ω
B
W
B
W
4
2
VPVIN1
VPVOUT1
10V OFFSET
0.11V/µs
0.42V/µs
Figure 29. Buck Line Transient, VPVIN1 = 12 V to 13 V, VPVOUT1 = 1.2 V, ILOAD1 = 1A,
fSW = 0.6 MHz, L = 2.2 μH, RC = 3.48 kΩ, CC = 2 nF, CCP = 22 pF, CPVOUT1 = 44 μF
CH1 5.00A
CH2 500mV
M20.0ms
A CH2
510mV
T
40.0080ms
B
W
B
W
CH3 10.0V BW
2
1
3
IL
VSW1
VPVOUT1
Figure 30. Exiting Hiccup Mode
VEN1/VEN2
VVOUT1
VPVOUT2
ILOAD2
CH1 1.00A
CH2 1.00V
M1.00ms
A CH3
2.04V
T
3.00400ms
CH3 2.00V
CH4 1.00V
3
4
2
1
Figure 31. Adaptive Mode Startup, VPVOUT2 = 3.3 V, ILOAD2 = 1 A
(VEN2 is the EN2 voltage.)
CH2 500mV
CH4 1A
M200µs
A CH4
1.46A
4
2
T
493.480µs
VPVOUT1
ILOAD1
2.3A/µs
3.1A/µs
Figure 32. Buck Load Transient, VPVIN1 = 12 V, VPVOUT1 = 1.2 V,ILOAD1 =0.5A to 3A,
fSW = 0.6 MHz, L = 2.2 μH, RC = 3.48 kΩ, CC = 2 nF, CCP = 22 pF, CPVOUT1 = 44 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com