Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 17Page - Analog Devices ADP5014 Datasheet HTML 18Page - Analog Devices ADP5014 Datasheet HTML 19Page - Analog Devices ADP5014 Datasheet HTML 20Page - Analog Devices ADP5014 Datasheet HTML 21Page - Analog Devices ADP5014 Datasheet HTML 22Page - Analog Devices ADP5014 Datasheet HTML 23Page - Analog Devices ADP5014 Datasheet HTML 24Page - Analog Devices ADP5014 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 21 of 34
ACTIVE OUTPUT DISCHARGE SWITCH
Each buck regulator in the ADP5014 integrates a discharge
switch from the switching node to ground. This switch is turned on
when its associated regulator is disabled, which helps discharge
the output capacitor quickly. The typical value of the discharge
switch is 85 Ω for Channel 1 to Channel 4.
THERMAL SHUTDOWN
If the ADP5014 junction temperature exceeds 150°C, the thermal
shutdown circuit turns off the IC except for the internal linear
regulator. Extreme junction temperatures can be the result of
high current operation, poor circuit board design, or high ambient
temperature. A 15°C hysteresis is included so that the ADP5014
does not return to operation after thermal shutdown until the
on-chip temperature falls below 135°C. When the device exits
thermal shutdown, a soft start is initiated for each enabled channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com