Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5056
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5056 Datasheet HTML 9Page - Analog Devices ADP5056 Datasheet HTML 10Page - Analog Devices ADP5056 Datasheet HTML 11Page - Analog Devices ADP5056 Datasheet HTML 12Page - Analog Devices ADP5056 Datasheet HTML 13Page - Analog Devices ADP5056 Datasheet HTML 14Page - Analog Devices ADP5056 Datasheet HTML 15Page - Analog Devices ADP5056 Datasheet HTML 16Page - Analog Devices ADP5056 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 13 of 31
CH1 2.0mV/DIV
B
W: 20.0M
CH2 5.0V/DIV 1MΩ BW: 20.0M
CH1 2.0mV/DIV
B
W: 20.0M
CH2 5.0V/DIV 1MΩ BW: 20.0M
100µs/DIV 20.0MS/s
A CH2
4.3V
50.0ns/pt
1
2
Figure 22. Channel 1/Channel 2 Steady State Waveform, VIN = 12 V,
VOUT = 1.2 V, IOUT = 10 mA, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 6,
Automatic PWM/PSM, Channel 1 = VOUT, Channel 2 = SW
CH1 50.0mV/DIV
CH4 2.0A/DIV
CH1 50.0mV/DIV
CH4 2.0A/DIV
200µs/DIV 20.0MS/s
A CH4
3.12A
50.0ns/pt
B
W: 500M
B
W: 20.0M
50Ω
1
4
Figure 23. Load Transient, Channel 1/Channel 2 from 1.5 A to 5 A, VIN = 12 V,
VOUT = 3.3 V, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 6, 1 A/μs,
Channel 1 = VOUT, Channel 4 = IOUT
CH1 500mV/DIV 1MΩ BW: 20M
CH2 5.0V/DIV
1MΩ BW: 500M
CH3 2.0V/DIV
1MΩ BW: 20M
CH4 5.0A/DIV
50Ω BW: 500M
CH1 500mV/DIV 1MΩ BW: 20M
CH2 5.0V/DIV
1MΩ BW: 500M
CH3 2.0V/DIV
1MΩ BW: 20M
CH4 5.0A/DIV
50Ω BW: 500M
20.0ms/DIV 500kS/s
A CH1
600mV
2.0ns/pt
T
1
2
3
4
Figure 24. Channel 1/Channel 2 Soft Start with 7 A Resistance Load,
VIN = 12 V, VOUT = 1.2 V, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 6,
Channel 1 = VOUT, Channel 2 = EN, Channel 3 = PWRGD, Channel 4 = IOUT
CH1 500mV/DIV
CH2 2.0V/DIV
CH1 500mV/DIV
CH2 2.0V/DIV
20.0ms/DIV 500kS/s
A CH2
1.96V
2.0µs/pt
B
W: 20.0M
B
W: 20.0M
1MΩ
CH3 2.0V/DIV
CH4 1.0A/DIV
B
W: 500M
B
W: 20.0M
50Ω
1MΩ
1MΩ
1
4
2
3
Figure 25. Channel 1/Channel 2 Shutdown with Active Output Discharge,
VIN = 12 V, VOUT = 1.2 V, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 6,
Channel 1 = VOUT, Channel 2 = EN, Channel 3 = PWRGD, Channel 4 = IOUT
CH1 500mV/DIV 1MΩ BW: 500M
CH4 5.0A/DIV
50Ω BW: 20.0M
CH1 500mV/DIV 1MΩ BW: 500M
CH4 5.0A/DIV
50Ω BW: 20.0M
10.0ms/DIV 1.0MS/s
A CH1
660mV
1.0µs/pt
T
1
4
Figure 26. Channel 1/Channel 2 Short-Circuit Protection Entry, VIN = 12 V,
VOUT = 1.0 V, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 6,
Channel 1 = VOUT, Channel 4 = IOUT
CH1 500mV/DIV 1
MΩ
B
W: 500M
CH4 5.0AV/DIV
50
Ω
B
W: 20.0M
10.0ms/DIV 1.0MS/s
A CH1
670mV
1.0µs/pt
1
4
T
Figure 27. Channel 1/Channel 2 Short-Circuit Protection Recovery, VIN = 12 V,
VOUT = 1.0 V, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 6, Channel 1= VOUT,
Channel 4 = IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com