Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5070 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5070
Description  1.2 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5070 Datasheet HTML 9Page - Analog Devices ADP5070 Datasheet HTML 10Page - Analog Devices ADP5070 Datasheet HTML 11Page - Analog Devices ADP5070 Datasheet HTML 12Page - Analog Devices ADP5070 Datasheet HTML 13Page - Analog Devices ADP5070 Datasheet HTML 14Page - Analog Devices ADP5070 Datasheet HTML 15Page - Analog Devices ADP5070 Datasheet HTML 16Page - Analog Devices ADP5070 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADP5073
Rev. A | Page 13 of 17
VREG Capacitor
A 1.0 µF ceramic capacitor (CVREG) is required between the
VREG pin and GND.
VREF Capacitor
A 1.0 µF ceramic capacitor (CVREF) is required between the
VREF pin and GND.
Soft Start Resistor
A resistor (RSS) can be connected between the SS pin and the GND
pin to increase the soft start time. The soft start time can be set
using this resistor between 4 ms (268 kΩ) and 32 ms (50 kΩ).
Leaving the SS pin open selects the fastest time of 4 ms. Figure 23
shows the behavior of this operation. Calculate the soft start time
(tSS) using the following formula:
tSS = 38.4 × 10−3 − 1.28 × 10−7 × RSS (Ω)
where 50 kΩ ≤ RSS ≤ 268 kΩ.
SS PIN OPEN
SOFT START
TIMER
SOFT START
RESISTOR
R1
R2
32ms
4ms
Figure 23. Soft Start Behavior
Diodes
A Schottky diode with low junction capacitance is recommended
for D1. At higher output voltages and especially at higher switching
frequencies, the junction capacitance is a significant contributor to
efficiency. Higher capacitance diodes also generate more switching
noise. As a guide, a diode with less than 40 pF junction capacitance
is preferred when the output voltage is in the range of −5 V to −37 V.
Inductor Selection
The inductor stores energy during the on time of the power switch,
and transfers that energy to the output through the output rectifier
during the off time. To balance the trade-offs between small
inductor current ripple and efficiency, inductance values in the
range of 1 µH to 22 µH are recommended. In general, lower
inductance values have higher saturation current and lower
series resistance for a given physical size. However, lower
inductance results in a higher peak current that can lead to
reduced efficiency and greater input and/or output ripple and
noise. A peak-to-peak inductor ripple current close to 30% of
the maximum dc current in the inductor typically yields an
optimal compromise.
For the smallest solution size, inductors with a saturation
current below ILIM may be used when the output current in the
application is such that the inductor current stays below the
saturated region.
For the inductor ripple current in continuous conduction mode
(CCM) operation, the input (VIN) and output (VOUT) voltages
determine the switch duty cycle (Duty) by the following equation:
+
+
+
=
DIODE
OUT
IN
DIODE
OUT
V
V
V
V
V
Duty
|
|
|
|
where VDIODE is the forward voltage drop of the Schottky diode
(D1).
Determine the dc current in the inductor in CCM (IL1) using
the following equation:
)
1
( Duty
I
I
OUT
L1
−
=
Using the duty cycle (Duty) and switching frequency (fSW),
determine the on time (tON) using the following equation:
SW
ON
f
Duty
t =
The inductor ripple current (∆IL1) in steady state is calculated by
L1
t
V
I
ON
IN
L1
×
=
∆
Solve for the inductance value (L1) using the following equation:
L1
ON
IN
I
t
V
L1
∆
×
=
Assuming an inductor ripple current of 30% of the maximum
dc current in the inductor results in
OUT
ON
IN
I
Duty
t
V
L1
×
−
×
×
=
3
.
0
)
1
(
Ensure that the peak inductor current (the maximum input
current plus half the inductor ripple current) is below the rated
saturation current of the inductor. Likewise, ensure that the
maximum rated rms current of the inductor is greater than the
maximum dc input current to the regulator.
When operating the ADP5073 inverting regulator in CCM, for
stable current mode operation, ensure that the selected inductance
is equal to or greater than the minimum calculated inductance,
LMIN, for the application parameters in the following equation:
−
−
×
=
>
33
.
0
)
1
(
27
.
0
Duty
V
L
L1
IN
MIN
(µH)
Table 9 suggests a series of inductors to use with the ADP5073
inverting regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com