Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5073ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5073ACPZ-R7
Description  1.2 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5073ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5073ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5073ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5073ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5073ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5073ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5073ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5073ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5073ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5073ACPZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADP5073
Data Sheet
Rev. A | Page 16 of 17
LAYOUT CONSIDERATIONS
PCB layout is important for all switching regulators but is
particularly important for regulators with high switching
frequencies. To achieve high efficiency, good regulation, good
stability, and low noise, a well designed PCB layout is required.
Follow these guidelines when designing PCBs:
Keep the input bypass capacitor, CIN, close to the PVIN pin
and the AVIN pin. Route each of these pins individually to
the pad of this capacitor to minimize noise coupling between
the power inputs, rather than connecting the two pins at the
device. A separate capacitor can be used on the AVIN pin
for the best noise performance.
Keep the high current paths as short as possible. These paths
include the connections between CIN, L1, D1, COUT, and
GND and their connections to the ADP5073.
Keep high current traces as short and wide as possible to
minimize parasitic series inductance, which causes spiking
and EMI.
Avoid routing high impedance traces near any node con-
nected to the SW pin or near Inductor L1 to prevent radiated
switching noise injection.
Place the feedback resistors as close to the FB pin as possible
to prevent high frequency switching noise injection.
Route a trace to RFT directly from the COUT pad for
optimum output voltage sensing.
Place the compensation components as close as possible to
COMP. Do not share vias to the ground plane with the
feedback resistors to avoid coupling high frequency noise into
the sensitive COMP pin.
Place the CVREF and CVREG capacitors as close to the
VREG and VREF pins as possible. Ensure that short traces
are used between VREF and RFB.
L1
D1
CIN
COUT
CC
RFT
RFB
RC
CVREF
CVREG
U1
VOUT
GND
14mm
GND
VIN
Figure 26. Suggested Layout for 18 mm × 14 mm, +12 V Input to −5 V Output Application
(Dashed Line Is Connected on the Internal Layer of the PCB; Other Vias Connected to the Ground Plane;
SS, EN, PWRGD, SLEW, and SYNC/FREQ Connections Not Shown for Clarity and Are Typically Connected on an Internal Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com