Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3Z13VT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LM3Z13VT1
Description  Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM3Z13VT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LM3Z13VT1 Datasheet HTML 1Page - Leshan Radio Company LM3Z13VT1 Datasheet HTML 2Page - Leshan Radio Company LM3Z13VT1 Datasheet HTML 3Page - Leshan Radio Company LM3Z13VT1 Datasheet HTML 4Page - Leshan Radio Company LM3Z13VT1 Datasheet HTML 5Page - Leshan Radio Company LM3Z13VT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LM3Z2V4T1/D–1/6
Zener Voltage Regulators
200 mW SOD–323 Surface Mount
SOD– 323
1
2
LM3Z2V4T1
SERIES
xx M
MARKING DIAGRAM
x x = Specific Device Code
M =Date Code
* The “G” suffix refers to Pb-Free package.
This series of Zener diodes is packaged in a SOD–323 surface mount package that
has a power dissipation of 200 mW. They are designed to provide voltage regulation
protection and are especially attractive in situations where space is at a premium. They
are well suited for applications such as cellular phones, hand held portables, and
high density PC boards.
Specification Features:
• Standard Zener Breakdown Voltage Range – 2.4 V to 75 V
• Steady State Power Rating of 200 mW
• Small Body Outline Dimensions: 0.067" x 0.049"(1.7 mm x 1.25 mm)
.
Low Body Height: 0.035" (0.9 mm)
• Package Weight: 4.507 mg/unit
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Pb-Free package is available.
Mechanical Characteristics:
CASE: Void-free, transfer-molded plastic
FINISH: All external surfaces are corrosion resistant
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260°C for 10 Seconds
POLARITY: Cathode indicated by polarity band
FLAMMABILITY RATING: UL94 V-0
MOUNTING POSITION: Any
2
ANODE
1
CATHODE
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,
PD
(Note 1.) @ TA = 25°C
200
mW
Derate above 25°C
1.5
mW/°C
Thermal Resistance from
RθJA
635
°C/W
Junction to Ambient
Junction and Storage
TJ, Tstg
–65 to+150
°C
Temperature Range
1. FR–4 Minimum Pad
ORDERING INFORMATION
Device*
Package
Shipping
LM3ZxxxT1
SOD-323
3000/Tape&Reel
LM3ZxxxT1G
(Pb-Free)
SOD-323
3000/Tape&Reel


Similar Part No. - LM3Z13VT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3Z13VT1G LRC-LM3Z13VT1G Datasheet
106Kb / 6P
Zener Voltage Regulators
LM3Z13VT1G LRC-LM3Z13VT1G Datasheet
119Kb / 6P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
Shanghai Leiditech Elec...
LM3Z13VT1G LEIDITECH-LM3Z13VT1G Datasheet
631Kb / 6P
200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM3Z13VT1G LRC-LM3Z13VT1G_15 Datasheet
106Kb / 6P
Zener Voltage Regulators
More results

Similar Description - LM3Z13VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
Zener Voltage Regulators
August, 2004 ??Rev. 5
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 8
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
Zener Voltage Regulators
December, 2011 ??Rev. 7
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
Zener Voltage Regulators
January, 2014 ??Rev. 12
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
Zener Voltage Regulators
logo
Leshan Radio Company
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com