Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4451YM Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4451YM
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4451YM Datasheet(HTML) 4 Page - Microchip Technology

  MIC4451YM Datasheet HTML 1Page - Microchip Technology MIC4451YM Datasheet HTML 2Page - Microchip Technology MIC4451YM Datasheet HTML 3Page - Microchip Technology MIC4451YM Datasheet HTML 4Page - Microchip Technology MIC4451YM Datasheet HTML 5Page - Microchip Technology MIC4451YM Datasheet HTML 6Page - Microchip Technology MIC4451YM Datasheet HTML 7Page - Microchip Technology MIC4451YM Datasheet HTML 8Page - Microchip Technology MIC4451YM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC4451/52
DS20006616A-page 4
2021 Microchip Technology Inc. and its subsidiaries
Power Supply
Power Supply Current
IS
—
0.4
1.5
mA
VIN = 3V
—
80
150
µA
VIN = 0V
Operating Input Voltage
VS
4.5
—
18
V
—
Note 1: Specification for packaged product only.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: TA = +25°C, with 4.5V ≤ VS ≤ 18V unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Over operating temperature range with 4.5V ≤ VS ≤ 18V unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input
Logic 1 Input Voltage
VIH
2.4
—
—
V
—
Logic 0 Input Voltage
VIL
—
—
0.8
V
—
Input Voltage Range
VIN
–5
—
VS +
0.3
V
—
Input Current
IIN
–10
—
10
µA
0V ≤ VIN ≤ VS
Output
High Output Voltage
VOH
VS –
0.025
—
—
V
See Figure 1-1.
Low Output Voltage
VOL
—
—
0.025
V
See Figure 1-1.
Output Resistance,
Output High
RO
—
—
2.2
Ω
IOUT = 10 mA, VS = 18V
Output Resistance,
Output Low
RO
—
—
2.2
Ω
IOUT = 10 mA, VS = 18V
Switching Time (Note 1)
Rise Time
tR
—
—
50
ns
See Figure 1-1. CL = 15,000 pF
Fall Time
tF
—
—
60
ns
See Figure 1-1. CL = 15,000 pF
Delay Time
tD1
—
—
65
ns
See Figure 1-1.
Delay Time
tD2
—
—
80
ns
See Figure 1-1.
Power Supply
Power Supply Current
IS
—
—
3
mA
VIN = 3V
—
—
0.4
VIN = 0V
Operating Input Voltage
VS
4.5
—
18
V
—
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com