Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7006 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB7006
Description  6-Port USB 3.2 Gen 1 Controller Hub
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB7006 Datasheet HTML 7Page - Microchip Technology USB7006 Datasheet HTML 8Page - Microchip Technology USB7006 Datasheet HTML 9Page - Microchip Technology USB7006 Datasheet HTML 10Page - Microchip Technology USB7006 Datasheet HTML 11Page - Microchip Technology USB7006 Datasheet HTML 12Page - Microchip Technology USB7006 Datasheet HTML 13Page - Microchip Technology USB7006 Datasheet HTML 14Page - Microchip Technology USB7006 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
USB7006
DS00003715A-page 11
2021 Microchip Technology Inc.
Downstream
Ports 1-6 USB
2.0 D-
USB2DN_DM[1:6]
I/O-U
Downstream USB 2.0 Ports 1-6 Data Minus
(D-)
Connect
directly to
3.3V
VBUS Detect
VBUS_DET
IS
This signal detects the state of the upstream
bus power.
Externally, VBUS can be as high as 5.5 V,
which can be damaging to this pin. The
amplitude of VBUS must be reduced by a
voltage divider. The recommended voltage
divider is shown below.
For self-powered applications with a perma-
nently attached host, this pin must be con-
nected to either 3.3 V or 5.0 V through a
resistor divider to provide 3.3 V.
In embedded applications,
VBUS_DET may
be controlled (toggled) when the host
desires to renegotiate a connection without
requiring a full reset of the device.
Not
Recom-
mended.
If unused,
tie to a
3.3V rail
through a
10-100k
pull-up
resistor.
SPI Interface
SPI Clock
SPI_CLK
I/O-U
SPI clock. If the SPI interface is enabled,
this pin must be driven low during reset.
Weak pull-
down to
GND
SPI Data 3-0
SPI_D[3:0]
I/O-U
SPI Data 3-0. If the SPI interface is enabled,
these signals function as Data 3 through 0.
Note 3-1
SPI_D0 operates as the
CFG_BC_EN s trap if
external SPI memory is not
used. It must be terminated
with the selected strap
resistor to 3.3V or GND.
SPI_ D[1 :3] should be
connected to GND through
a weak pull-down.
Note 3-1
SPI Chip
Enable
SPI_CE_N
I/O12
Active low SPI chip enable input. If the SPI
interface is enabled, this pin must be driven
high in powerdown states.
Note 3-2
Operates
as
the
CFG_NON_REM strap if
external SPI memory is not
used. It must be terminated
with the selected strap
resistor to 3.3V or GND.
Note 3-2
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused
VBUS_UP
43K
VBUS_DET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com