Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7016 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB7016
Description  6-Port USB 3.2 Gen 1 Type-C짰 Controller Hub
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7016 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB7016 Datasheet HTML 7Page - Microchip Technology USB7016 Datasheet HTML 8Page - Microchip Technology USB7016 Datasheet HTML 9Page - Microchip Technology USB7016 Datasheet HTML 10Page - Microchip Technology USB7016 Datasheet HTML 11Page - Microchip Technology USB7016 Datasheet HTML 12Page - Microchip Technology USB7016 Datasheet HTML 13Page - Microchip Technology USB7016 Datasheet HTML 14Page - Microchip Technology USB7016 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
2021 Microchip Technology Inc.
DS00003740A-page 11
USB7016
Downstream
Port 1 USB 3.2
Gen 1 TX D-
Orientation B
USB3DN_TXDM1B
I/O-U
Downstream USB Type-C “Orientation B”
SuperSpeed+ Transmit Data Minus, port 1.
Float
Downstream
Port 1 USB 3.2
Gen 1 RX D+
Orientation B
USB3DN_RXDP1B
I/O-U
Downstream USB Type-C “Orientation B”
SuperSpeed+ Receive Data Plus, port 1.
Weak pull-
down to
GND
Downstream
Port 1 USB 3.2
Gen 1 RX D-
Orientation B
USB3DN_RXDM1B
I/O-U
Downstream USB Type-C “Orientation B”
SuperSpeed+ Receive Data Minus, port 1.
Weak pull-
down to
GND
Downstream
Ports 2-4 USB
3.2 Gen 1 TX D+
USB3DN_TXDP[2:4]
I/O-U
Downstream SuperSpeed+ Transmit Data
Plus, ports 2 through 4.
Float
Downstream
Ports 2-4 USB
3.2 Gen 1 TX D-
USB3DN_TXDM[2:4]
I/O-U
Downstream SuperSpeed+ Transmit Data
Minus, ports 2 through 4.
Float
Downstream
Ports 2-4 USB
3.2 Gen 1 RX D+
USB3DN_RXDP[2:4]
I/O-U
Downstream SuperSpeed+ Receive Data
Plus, ports 2 through 4.
Weak pull-
down to
GND
Downstream
Ports 2-4 USB
3.2 Gen 1 RX D-
USB3DN_RXDM[2:4]
I/O-U
Downstream SuperSpeed+ Receive Data
Minus, ports 2 through 4.
Weak pull-
down to
GND
USB 2.0 Interfaces
Upstream USB
2.0 D+
USB2UP_DP
I/O-U
Upstream USB 2.0 Data Plus (D+).
Mandatory
Note 3-8
Upstream USB
2.0 D-
USB2UP_DM
I/O-U
Upstream USB 2.0 Data Minus (D-).
Mandatory
Note 3-8
Downstream
Ports 1-6 USB
2.0 D+
USB2DN_DP[1:6]
I/O-U
Downstream USB 2.0 Ports 1-6 Data Plus
(D+).
Connect
directly to
3.3V
Downstream
Ports 1-6 USB
2.0 D-
USB2DN_DM[1:6]
I/O-U
Downstream USB 2.0 Ports 1-6 Data Minus
(D-)
Connect
directly to
3.3V
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com