Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7016-I/KDXVAO Datasheet(PDF) 39 Page - Microchip Technology

Part # USB7016-I/KDXVAO
Description  6-Port USB 3.2 Gen 1 Type-C짰 Controller Hub
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7016-I/KDXVAO Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB7016-I/KDXVAO Datasheet HTML 35Page - Microchip Technology USB7016-I/KDXVAO Datasheet HTML 36Page - Microchip Technology USB7016-I/KDXVAO Datasheet HTML 37Page - Microchip Technology USB7016-I/KDXVAO Datasheet HTML 38Page - Microchip Technology USB7016-I/KDXVAO Datasheet HTML 39Page - Microchip Technology USB7016-I/KDXVAO Datasheet HTML 40Page - Microchip Technology USB7016-I/KDXVAO Datasheet HTML 41Page - Microchip Technology USB7016-I/KDXVAO Datasheet HTML 42Page - Microchip Technology USB7016-I/KDXVAO Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
2021 Microchip Technology Inc.
DS00003740A-page 39
USB7016
8.6
USB to GPIO Bridging
The USB to GPIO bridging feature provides system designers expanded system control and potential BOM reduction.
General Purpose Input/Outputs (GPIOs) may be used for any general 3.3V level digital control and input functions.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Set the direction of the GPIO (input or output)
• Enable a pull-up resistor
• Enable a pull-down resistor
• Read the state
• Set the state
For detailed information on utilizing the USB to GPIO bridging feature, refer to the application note “USB to GPIO Bridg-
ing with Microchip USB70xx Hubs”, which can be found on the Microchip USB7016 product page at www.micro-
chip.com/USB7016.
8.7
USB to I2C Bridging
The USB to I2C bridging feature provides system designers expanded system control and potential BOM reduction. The
use of a separate USB to I2C device is no longer required and a downstream USB port is not lost, as occurs when a
standalone USB to I2C device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Configure I2C Pass-Through Interface
• I2C Write
• I2C Read
For detailed information on utilizing the USB to I2C bridging feature, refer to the application note “USB to I2C Bridging
with Microchip USB70xx Hubs”, which can be found on the Microchip USB7016 product page at www.microchip.com/
USB7016.
8.8
USB to SPI Bridging
The USB to SPI bridging feature provides system designers expanded system control and potential BOM reduction. The
use of a separate USB to SPI device is no longer required and a downstream USB port is not lost, as occurs when a
standalone USB to SPI device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable SPI Pass-Through Interface
• SPI Write/Read
• Disable SPI Pass-Through Interface
For detailed information on utilizing the USB to SPI bridging feature, refer to the application note “USB to SPI Bridging
with Microchip USB70xx Hubs”, which can be found on the Microchip USB7016 product page at www.microchip.com/
USB7016.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com