Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5302ACPZ-2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5302ACPZ-2-R7
Description  50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5302ACPZ-2-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5302ACPZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP5302ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP5302ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5302ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5302ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5302ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5302ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5302ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5302ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
50 mA/500 mA, Ultralow Power Step-Down
Regulator with Battery Voltage Monitor
Data Sheet
ADP5302
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input supply voltage range: 2.15 V to 6.50 V
Operates down to 2.00 V
Ultralow 240 nA quiescent current with no load
Selectable output voltages of 1.2 V to 3.6 V, or 0.8 V to 5.0 V
±1.5% output accuracy over the full temperature range in
pulse-width modulation (PWM) mode
Selectable hysteresis mode or PWM operation mode
Output current
Up to 50 mA in hysteresis mode
Up to 500 mA in PWM mode
VINOK flag to monitor input battery voltage
Ultrafast stop switching control
100% duty cycle operation mode
2 MHz switching frequency with optional synchronization
input from 1.5 MHz to 2.5 MHz
Quick output discharge (QOD) option
UVLO, OCP, and TSD protection
10-lead, 3 mm × 3 mm LFCSP package
Junction temperature: −40°C to +125°C
APPLICATIONS
Energy (gas, water) metering
Portable and battery-powered equipment
Medical applications
Keep-alive power supplies
TYPICAL APPLICATION CIRCUIT
PWM
2.2µH
SW
PGND
FB
10µF
10µF
VOUT
PVIN
SYNC/
MODE
EN
VID
VIN =
2.15V TO 6.50V
ADP5302
(LFCSP-10)
HYS
R0
STOP
SW
OFF
ON
AGND
VID0: 1.2V
VID1: 1.5V
VID2: 1.8V
VID3: 2.0V
VID4: 2.1V
VID5: 2.2V
VID6: 2.3V
VID7: 2.4V
VID8: 2.5V
VID9: 2.6V
VID10: 2.7V
VID11: 2.8V
VID12: 2.9V
VID13: 3.0V
VID14: 3.3V
VID15: 3.6V
EPAD
VINOK
STOP
Figure 1.
GENERAL DESCRIPTION
The ADP5302 is a high efficiency, ultralow quiescent current
step-down regulator that draws only 240 nA quiescent current
to regulate the output at no load.
The ADP5302 runs from an input voltage of 2.15 V to 6.50 V,
allowing the use of multiple alkaline or NiMH cells, Li-Ion cells,
or other power sources. The output voltage is selectable from 0.8 V
to 5.0 V by an external, dynamic voltage identification (VID)
resistor and a factory fuse. The total solution requires only four
tiny external components.
The ADP5302 can operate between hysteresis mode and PWM
mode via the SYNC/MODE pin. In hysteresis mode, the regulator
achieves excellent efficiency at less than 1 mW and provides up to
50 mA of output current. In PWM mode, the regulator produces a
lower output ripple and supplies up to 500 mA of output current.
The flexible configuration capability during operation of the
device enables very efficient power management to meet both
long battery life and low system noise requirements.
The ADP5302 integrates an ultralow power comparator with a
factory programmable voltage reference to monitor the input
battery voltage. The regulator runs at a 2 MHz switching
frequency in PWM mode, and the SYNC/MODE pin can be
synchronized to an external clock from 1.5 MHz to 2.5 MHz.
The ADP5302 includes an extra STOP pin that can temporarily
disable the regulator switching; in this way, a quiet system environ-
ment can be achieved to benefit the noise sensitive circuitry, which
includes data conversion, RF data transmission, and analog sensors.
Other key features in the ADP5302 include separate enabling,
QOD, and safety features, such as overcurrent protection
(OCP), thermal shutdown (TSD), and input undervoltage
lockout (UVLO).
The ADP5302 is available in a 10-lead, 3 mm × 3 mm LFCSP
package rated for the −40°C to +125°C junction temperature range.


Similar Part No. - ADP5302ACPZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300-EVALZ AD-ADP5300-EVALZ Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-1-R7 AD-ADP5300ACPZ-1-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-2-R7 AD-ADP5300ACPZ-2-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
REV. A
More results

Similar Description - ADP5302ACPZ-2-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2674 NSC-LM2674 Datasheet
440Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
Texas Instruments
TL497A TI-TL497A_06 Datasheet
446Kb / 16P
500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
logo
ON Semiconductor
NCP1578 ONSEMI-NCP1578 Datasheet
1Mb / 22P
Synchronous Step-Down Controller with 50 mA Linear Regulator
October, 2007 - Rev. P2
logo
National Semiconductor ...
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 NSC-LM22674 Datasheet
564Kb / 14P
500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
TL497A TI-TL497A_15 Datasheet
830Kb / 20P
500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
REV. A
ADP5303 AD-ADP5303 Datasheet
764Kb / 21P
50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
3/2019-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com