Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5303ACBZ-1-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5303ACBZ-1-R7
Description  50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5303ACBZ-1-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5303ACBZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5303ACBZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5303ACBZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5303ACBZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5303ACBZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5303ACBZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5303ACBZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5303ACBZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5303ACBZ-1-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
ADP5303
Rev. B | Page 19 of 21
TYPICAL APPLICATION CIRCUITS
The ADP5303 can be used as a keep-alive, ultralow power step-
down regulator to extend battery life (see Figure 42), and as a
battery-powered equipment or wireless sensor network
controlled by a microcontroller or a processor (see Figure 43).
2.2µH
SW
PGND
FB
10µF
10µF
VOUT = 1.8V
PVIN
VID
EN
Li-Ion BATTERY
SYNC/MODE
VIN = 3.0V TO 4.2V
ADP5303
R2
20kΩ
1%
VINOK
AGND
Figure 42. Typical Application Circuit with Li-Ion Battery
TWO
ALKALINE
OR Li-Ion
BATTERIES
2.2µH
SW
PGND
FB
10µF
R2
1MΩ
10µF
PVIN
EN
SYNC/MODE
VIN = 2.0V TO 3.0V
VOUT = 1.8V
ADP5303
ADC/RF/AFE
MCU
(ALWAYS-ON)
VID
AGND
VINOK
R1
19.6kΩ
1%
Figure 43. Typical Application Circuit with Two Alkaline or NiMH Batteries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com