Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5303ACBZ-2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5303ACBZ-2-R7
Description  50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5303ACBZ-2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5303ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5303ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5303ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5303ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5303ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5303ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5303ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5303ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5303ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADP5303
Rev. B | Page 15 of 21
Any of the individual VID settings are available as internally
fixed options. Contact an Analog Devices, Inc. sales
representative for more information on generating new models.
UNDERVOLTAGE LOCKOUT (UVLO)
The UVLO circuitry monitors the input voltage level on the
PVIN pin. If the input voltage falls below 2.00 V (typical), the
regulator turns off. After the input voltage rises above 2.06 V
(typical), the soft start period initiates, and the regulator is
enabled when the EN pin is high.
ENABLE/DISABLE
The ADP5303 includes a separate enable pin (EN). A logic high
on the enable pin starts the regulator. Due to the low quiescent
current design, it is typical for the regulator to start switching
after a delay of few milliseconds from the enable pin (EN) being
pulled high.
A logic low on the enable pin immediately disables the regulator
and brings the regulator into an extremely low current consump-
tion state.
CURRENT LIMIT
The buck regulator in the ADP5303 has protection circuitry
that limits the direction and the amount of current to a certain
level that flows through the high-side MOSFET and the low-
side MOSFET in cycle-by-cycle mode. The positive current
limit on the high-side MOSFET limits the amount of current
that can flow from the input to the output. The negative current
limit on the low-side MOSFET prevents the inductor current
from reversing direction and flowing out of the load.
SHORT-CIRCUIT PROTECTION
The buck regulator in the ADP5303 includes frequency foldback to
prevent current runaway on a hard short. When the output voltage
at the feedback pin falls below 0.3 V (typical), indicating the
possibility of a hard short at the output, the switching frequency
in PWM mode is reduced to one-fourth of the internal oscillator
frequency. The reduction in the switching frequency allows more
time for the inductor to discharge, preventing a runaway of
output current.
SOFT START
The ADP5303 has an internal soft start function that ramps up
the output voltage in a controlled manner upon startup, thereby
limiting the inrush current. This control prevents possible input
voltage drops when a battery or a high impedance power source
is connected to the input of the device. The typical default soft
start time for the regulator is 350 µs.
A different soft start time (2800 µs) can be programmed for
ADP5303 by the factory fuse.
STARTUP WITH PRECHARGED OUTPUT
The buck regulator in the ADP5303 includes a precharged
start-up feature to protect the low-side MOSFET from damage
during startup. If the output voltage is precharged before the
regulator turns on, the regulator prevents reverse inductor
current—which discharges the output capacitor—until the
internal soft start reference voltage exceeds the precharged
voltage on the feedback pin.
100% DUTY CYCLE OPERATION
When the input voltage approaches the output voltage, the
ADP5303 stops switching and enters 100% duty cycle operation.
The device connects the output via the inductor and the internal
high-side power switch to the input. When the input voltage is
charged again and the required duty cycle falls to 95% (typical), the
buck regulator immediately restarts switching and regulation
without allowing overshoot on the output voltage. In hysteresis
mode, the ADP5303 draws an ultralow quiescent current of only
640 nA (typical) during 100% duty cycle operation.
ACTIVE DISCHARGE
The regulator in the ADP5303 integrates an optional, factory
programmable discharge switch from the switching node to
ground. This switch turns on when its associated regulator is
disabled, which helps discharge the output capacitor quickly.
The typical value of the discharge switch is 290 Ω for the
regulator.
By default, the discharge function is not enabled. The active
discharge function can be enabled by the factory fuse.
VINOK FUNCTION
The ADP5303 includes an open-drain VINOK output that
indicates the battery voltage status. The VINOK output becomes
active high when the input voltage on the PVIN pin is above
the reference threshold. When the input voltage falls below the
reference threshold, the VINOK pin goes low. Note that a
relatively typical long validation time of 130 µs exists for the
VINOK output status change due to the ultralow power
comparator design.
Different VINOK thresholds are factory programmable from
2.05 V to 5.15 V in 50 mV steps. To order a device with options
other than the default options, contact your local Analog
Devices sales or distribution representative.
THERMAL SHUTDOWN
If the ADP5303 junction temperature exceeds 142°C, the thermal
shutdown circuit turns off the IC except for the internal linear
regulator. Extreme junction temperatures may be the result of
high current operation, poor circuit board design, or high ambient
temperature. A 15°C hysteresis is included so that the ADP5303
does not return to operation after thermal shutdown until the
junction temperature falls below 127°C. When the device exits
thermal shutdown, a soft start is initiated for each enabled channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com