Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5040 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5040
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5040 Datasheet HTML 9Page - Analog Devices ADP5040 Datasheet HTML 10Page - Analog Devices ADP5040 Datasheet HTML 11Page - Analog Devices ADP5040 Datasheet HTML 12Page - Analog Devices ADP5040 Datasheet HTML 13Page - Analog Devices ADP5040 Datasheet HTML 14Page - Analog Devices ADP5040 Datasheet HTML 15Page - Analog Devices ADP5040 Datasheet HTML 16Page - Analog Devices ADP5040 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP5135
Rev. 0 | Page 13 of 24
THEORY OF OPERATION
Figure 35. Detailed Functional Block Diagram
POWER MANAGEMENT UNIT
The ADP5135 is a micropower management unit (micro PMU)
combining three step-down (buck) dc-to-dc converters. The
high switching frequency and tiny 24-lead LFCSP package
provide a small power management solution.
A system controller combines these high performance
regulators in the micro PMU, allowing them to operate
together.
The buck regulators can operate in forced PWM mode if the
MODE pin is at a logic high level. In forced PWM mode, the
buck switching frequency is always constant and does not
change with the load current. If the MODE pin is at a logic low
level, the switching regulators operate in auto PWM/PSM
mode. In this mode, the regulators operate at a fixed PWM
frequency when the load current is above the PSM current
threshold. When the load current falls below the PSM current
threshold, the regulator enters PSM, where the switching occurs
in bursts. The burst repetition rate is a function of the current
load and the output capacitor value. This operating mode
reduces the switching and quiescent current losses. The auto
PWM/PSM mode transition is controlled independently for
each buck regulator. BUCK1 and BUCK2 operate in phase with
the internal clock, and BUCK3 operates out of phase from it.
The ADP5135 has individual enable pins (EN1, EN2, and EN3)
controlling the activation of each regulator. The regulators are
activated by a logic high level applied to the respective ENx pin.
EN1 controls BUCK1, EN2 controls BUCK2, and EN3 controls
BUCK3.
PWM/
PSM
CONTROL
BUCK3
SOFT START
PWM/
PSM
CONTROL
BUCK2
DRIVER
AND
ANTISHOOT
THROUGH
SOFT START
DRIVER
AND
ANTISHOOT
THROUGH
OSCILLATOR
THERMAL
SHUTDOWN
SYSTEM
UNDERVOLTAGE
LOCKOUT
PWM
COMP
GM ERROR
AMP
GM ERROR
AMP
PSM
COMP
PSM
COMP
LOW
CURRENT
ILIMIT
DRIVER
AND
ANTISHOOT
THROUGH
PWM
COMP
LOW
CURRENT
ILIMIT
PWM
COMP
LOW
CURRENT
ILIMIT
ADP5135
VOUT1
VOUT2
VIN1
AVIN
SW1
PGND1
PGND2
SW2
VIN2
75Ω
ENBK1
EN1
ENBK1
POWER
GOOD
CONTROL
ENBK2
ENBK3
75Ω
ENBK2
EN2
EN3
B
SEL
OP
MODE
MODE2
A
Y
MODE
VOUT3
FB3
PGND3
SW3
VIN3
FB1 FB2
PWM/
PSM
CONTROL
BUCK1
SHUTDOWN
AND
PRECISION
ENABLE
CONTROL
PG1
FB1
PG2
FB2
PG3
FB3
SOFT START
GM ERROR
AMP
PSM
COMP
75Ω
ENBK3
NOTES
1. ENBKx ENABLES BUCKx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com