Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL900A Datasheet(PDF) 21 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 21 Page - ams AG

Back Button SL900A Datasheet HTML 17Page - ams AG SL900A Datasheet HTML 18Page - ams AG SL900A Datasheet HTML 19Page - ams AG SL900A Datasheet HTML 20Page - ams AG SL900A Datasheet HTML 21Page - ams AG SL900A Datasheet HTML 22Page - ams AG SL900A Datasheet HTML 23Page - ams AG SL900A Datasheet HTML 24Page - ams AG SL900A Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
ams Datasheet
Page 21
[v1-12] 2018-Oct-29
Document Feedback
SL900A − System Description
Figure 20:
Storage Rule
Limits Counter
The Limits counter can be used as an advanced alarm
mechanism. It is enabled in all log formats and it will display
the cumulative number of measurements that are outside
limits. The application does not have to read the whole EEPROM
content in order to determine if the temperature limits have
been exceeded, just the Limits counter block. The Limits
counter block can be read out with the GET LOG STATE
command.
The system uses 4 limits that can be set by the user:
• Extreme upper limit
• Upper limit
• Lower limit
• Extreme lower limit
There is a dedicated 8-bit counter for each of the 4 limits in the
Limits counter block. The appropriate counter will increment
each time a sensor value is outside a limit.
The user can select which sensor will be used in the limits
comparison. The internal temperature sensor is selected by
default. Other sensors can be selected with the SET SFE
PARAMETERS command with the “Verify sensor ID[1:0]” field
(SPI address 0x018):
Figure 21:
Modes of Operation
Bit
Storage Rule
Description
0Normal
When the logging area in the EEPROM is full, the chip does not store any new
sensor data to the EEPROM, but it will still increment the measurement counter
and RTC.
1
Rolling
When the logging area is full, the chip continues with writing new sensor data
to the EEPROM form the beginning of the logging area. Thus the chip
overwrites the old stored data and increments the “Number of memory
replacements [5:0]” field in the System status group.
Verify Sensor ID Bit 1
Verify Sensor ID Bit 0 Sensor Selected for Limits Comparison
0
0
Internal temperature sensor - DEFAULT
01
External sensor 1
10
External sensor 2
1
1
Battery voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com