Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A Datasheet(PDF) 2 Page - ams AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A Datasheet(HTML) 2 Page - ams AG

  AS3953A Datasheet HTML 1Page - ams AG AS3953A Datasheet HTML 2Page - ams AG AS3953A Datasheet HTML 3Page - ams AG AS3953A Datasheet HTML 4Page - ams AG AS3953A Datasheet HTML 5Page - ams AG AS3953A Datasheet HTML 6Page - ams AG AS3953A Datasheet HTML 7Page - ams AG AS3953A Datasheet HTML 8Page - ams AG AS3953A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − General Description
Key Benefits & Features
The benefits and features of AS3953A, 14443 High Speed
Passive Tag Interface are listed below:
Figure 1:
Added Value of Using AS3953A
Benefits
Features
• NFC Forum compliance for full
interoperability
• ISO 14443A compliant to Level-4
• Internal user memory for standalone
application
• 1kbit EEPROM (108 bytes of user memory)
• Allows zero-power standby
• Configurable wake-up interrupt (after tag is selected or
using proprietary command)
• Enables long battery life time, or
battery-less designs
• Powered from external magnetic field with the possibility to
draw up to 5mA
• Allows supply of external circuitry
• User configurable regulated voltage extracted from external
magnetic field
• Data rate transmission up to the
maximum allowed by ISO 14443A
compliance
• Bit rates from 106 kbit/s till 848 kbit/s
• 7 byte UID
• Easy and fast antenna design and
impedance matching
• Integrated resonant capacitor
• Guarantees no reset during reader (PCD)
modulation
• Integrated buffer capacitor
• Design flexibility, easy integration.
• Fits requirements for various embedded
applications and manage of external
microcontroller
• 4-wire Serial Peripheral Interface (SPI) with 32 byte FIFO
• Fits supply requirements for various
applications, including industrial
• Wide SPI power supply range (1.65V to 3.6V)
• Flexibility for wide range of applications
• Wide temperature range: -40ºC to 85ºC
• Small outline, compatibility to common
inlay and card manufacturing lines,
surface-mount assembly
• Available as WLCSP 10-bumps, 10-pin MLPD (3mmx3mm)
and tested sawn wafers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com