Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955 Datasheet(PDF) 67 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 67 Page - ams AG

Back Button AS3955_V01 Datasheet HTML 63Page - ams AG AS3955_V01 Datasheet HTML 64Page - ams AG AS3955_V01 Datasheet HTML 65Page - ams AG AS3955_V01 Datasheet HTML 66Page - ams AG AS3955_V01 Datasheet HTML 67Page - ams AG AS3955_V01 Datasheet HTML 68Page - ams AG AS3955_V01 Datasheet HTML 69Page - ams AG AS3955_V01 Datasheet HTML 70Page - ams AG AS3955_V01 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
ams Datasheet
Page 67
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Detailed Description
I²C Interface
Communication between AS3955 and microcontroller can be
done via a I²C interface and an additional interrupt signal.
AS3955 acts an I²C slave device, and supports single master,
multiple slave configurations. AS3955 I²C supports following
modes: Standard-mode, Fast-mode, Fast-mode Plus.
Figure 71:
I²C and Interrupt Signals
During I²C communication, the signal /SS should be set to low.
By setting the /SS to low, I²C interface is enabled. It is
recommended to keep signal /SS high whenever the I²C
interface is not used.
I²C interface supports the following modes:
• Internal registers read and write
• EEPROM read and write
• Buffer read and write
• Direct commands
Please note that the only I²C operations allowed, when logic
and EEPROM are supplied from VP_IO, are EEPROM and registers
reading and writing (see also Power Management).
I²C Slave Address
The I²C slave address is composed of 7 bits where the first 4
MSBs are fixed and the last 3 LSBs are programmable.
Figure 72:
I²C Slave Address
The value of bits A2:A0 can be set in the Configuration Byte
IC_CFG0.
Name
Signal
Signal Level
Description
/SS
Digital Input with pull up
CMOS
Should be set to high during I²C communication
SDA
Digital Output
CMOS
Serial Data output
SCL
Digital Input
CMOS
Clock for serial communication
IRQ
Digital Output
CMOS
Interrupt Output pin (active high)
B6
B5
B4
B3
B2
B1
B0
I²C Slave Address
1
0
1
0
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com