Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2541 Datasheet(PDF) 21 Page - ams AG

Part # TSL2541
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2541 Datasheet(HTML) 21 Page - ams AG

Back Button TSL2541 Datasheet HTML 17Page - ams AG TSL2541 Datasheet HTML 18Page - ams AG TSL2541 Datasheet HTML 19Page - ams AG TSL2541 Datasheet HTML 20Page - ams AG TSL2541 Datasheet HTML 21Page - ams AG TSL2541 Datasheet HTML 22Page - ams AG TSL2541 Datasheet HTML 23Page - ams AG TSL2541 Datasheet HTML 24Page - ams AG TSL2541 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ams Datasheet
Page 21
[v1-01] 2018-Jan-23
Document Feedback
TSL2541 − Register Description
VISDATAH Register (Address 0x95)
Figure 28:
VISDATAH Register
IRDATAL Register (Address 0x96)
Figure 29:
IRDATAL Register
IRDATAH Register (Address 0x97)
Figure 30:
IRDATAH Register
REVID2 Register (Address 0x9E)
Figure 31:
REVID2 Register
Addr: 0x95
VISDATAH
Bit
Bit Name
Default
Access
Bit Description
7:0
VISDATAH
0x00
RO
This register contains the high byte of the 16-bit
visible channel data.
Addr: 0x96
IRDATAL
Bit
Bit Name
Default
Access
Bit Description
7:0
IRDATAL
0x00
RO
This register contains the low byte of the 16-bit
IR channel data.
Addr: 0x97
IRDATAH
Bit
Bit Name
Default
Access
Bit Description
7:0
IRDATAH
0x00
RO
This register contains the high byte of the 16-bit
IR channel data.
Addr: 0x9E
REVID2
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
RO
Reserved.
3:0
REVID2
0010
RO
Package identification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com