Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3AI4 Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3AI4
Description  module TM3 - 4 analog inputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3AI4 Datasheet(HTML) 1 Page - Schneider Electric

  TM3AI4 Datasheet HTML 1Page - Schneider Electric TM3AI4 Datasheet HTML 2Page - Schneider Electric TM3AI4 Datasheet HTML 3Page - Schneider Electric TM3AI4 Datasheet HTML 4Page - Schneider Electric TM3AI4 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aug 11, 2019
1
Product data sheet
Characteristics
TM3AI4
module TM3 - 4 analog inputs
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Modicon TM3
Product or component
type
Analog input module
Range compatibility
Modicon M241
Modicon M221
Modicon M251
Analogue input number
4
Analogue input type
Current, analogue input range: 4...20 mA
Current, analogue input range: 0...20 mA
Voltage, analogue input range: 0...10 V
Voltage, analogue input range: - 10...10 V
Complementary
Analogue input resolution
11 bits + sign
12 bits
Permissible continuous overload
13 V voltage
40 mA current
Input impedance
<= 50 Ohm current
>= 1 MOhm voltage
LSB value
2.44 mV, analogue input: 0...10 V voltage
4.88 mV, analogue input: - 10...10 V voltage
4.88 µA, analogue input: 0...20 mA current
3.91 µA, analogue input: 4...20 mA current
Conversion time
1 ms + 1 ms per channel + 1 controller cycle time
Sampling duration
1 ms
Absolute accuracy error
+/- 0.1 % of full scale at 77 °F (25 °C)
+/- 1 % of full scale
Temperature drift
+/- 0.006 %FS/°C
Repeat accuracy
+/-0.5 %FS
Non-linearity
+/- 0.2 %FS
Cross talk
<= 1 LSB
[Us] rated supply voltage
24 V DC
Supply voltage limits
20.4...28.8 V
Type of cable
Twisted shielded pairs cable <= 30 m for input circuit
Current consumption
35 mA at 5 V DC (no load) via bus connector
45 mA at 5 V DC (full load) via bus connector
30 mA at 24 V DC via external supply
Local signalling
1 LED green PWR
Electrical connection
10 x 1.5 mm² removable screw terminal block with pitch 3.81 mm adjustment for
inputs and supply
10 x 1.5 mm² removable screw terminal block with pitch 3.81 mm adjustment for
inputs
Insulation
500 V AC between input and internal logic
1500 V AC between input and supply
Marking
CE
Surge withstand
1 kV for power supply with common mode protection conforming to EN/IEC
61000-4-5
0.5 kV for power supply with differential mode protection conforming to EN/IEC
61000-4-5
1 kV for input with common mode protection conforming to EN/IEC 61000-4-5
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
Plate or panel with fixing kit


Similar Part No. - TM3AI4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI4G SCHNEIDER-TM3AI4G Datasheet
139Kb / 5P
module TM3 - 4 analog inputs spring
Aug 11, 2019
TM3AI4G SCHNEIDER-TM3AI4G_V01 Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 4 inputs (spring) 24 VDC
Apr 4, 2022
TM3AI4 SCHNEIDER-TM3AI4_V01 Datasheet
147Kb / 8P
Analog input module, Modicon TM3, 4 inputs (screw) 24 VDC
Apr 4, 2022
More results

Similar Description - TM3AI4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI8 SCHNEIDER-TM3AI8 Datasheet
130Kb / 5P
module TM3 - 8 analog inputs
Aug 10, 2019
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
TM3DI16 SCHNEIDER-TM3DI16 Datasheet
150Kb / 5P
module TM3 - 16 inputs
Aug 11, 2019
TM3TI4 SCHNEIDER-TM3TI4 Datasheet
145Kb / 7P
module TM3 - 4 inputs temperature
Aug 11, 2019
TM3AI4G SCHNEIDER-TM3AI4G Datasheet
139Kb / 5P
module TM3 - 4 analog inputs spring
Aug 11, 2019
TM3AI8G SCHNEIDER-TM3AI8G Datasheet
131Kb / 5P
module TM3 - 8 analog inputs spring
Aug 10, 2019
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
TM3TI4G SCHNEIDER-TM3TI4G Datasheet
146Kb / 7P
module TM3 - 4 inputs temperature spring
Aug 11, 2019
TM3AI4G SCHNEIDER-TM3AI4G_V01 Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 4 inputs (spring) 24 VDC
Apr 4, 2022
TM3AI4 SCHNEIDER-TM3AI4_V01 Datasheet
147Kb / 8P
Analog input module, Modicon TM3, 4 inputs (screw) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com