Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3DI16 Datasheet(PDF) 2 Page - Schneider Electric

Part # TM3DI16
Description  module TM3 - 16 inputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3DI16 Datasheet(HTML) 2 Page - Schneider Electric

  TM3DI16 Datasheet HTML 1Page - Schneider Electric TM3DI16 Datasheet HTML 2Page - Schneider Electric TM3DI16 Datasheet HTML 3Page - Schneider Electric TM3DI16 Datasheet HTML 4Page - Schneider Electric TM3DI16 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Resistance to fast transients
1 kV I/O conforming to EN/IEC 61000-4-4
Surge withstand
1 kV I/O (DC) in common mode conforming to EN/IEC 61000-4-5
Resistance to conducted disturbances
10 Vrmsat 0.15...80 MHz conforming to EN/IEC 61000-4-6
3 Vrmsat spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz) conform-
ing to Marine specification (LR, ABS, DNV, GL)
Electromagnetic emission
Radiated emissions, test level: 40 dBμV/m QP with class A, condition of test: 10
m (radio frequency: 30...230 MHz) conforming to EN/IEC 55011
Radiated emissions, test level: 47 dBμV/m QP with class A, condition of test: 10 m
(radio frequency: 230...1000 MHz) conforming to EN/IEC 55011
Ambient air temperature for operation
14...131 °F (-10...55 °C) horizontal installation
-10...35 °C vertical installation
Ambient air temperature for storage
-13...158 °F (-25...70 °C)
Relative humidity
10...95 % without condensation in operation
10...95 % without condensation in storage
IP degree of protection
IP20 with protective cover in place
Pollution degree
2
Operating altitude
0...6561.68 ft (0...2000 m)
Storage altitude
0...9842.52 ft (0...3000 m)
Vibration resistance
3.5 mm (vibration frequency: 5...8.4 Hz) on DIN rail
3 gn (vibration frequency: 8.4...150 Hz) on DIN rail
3.5 mm (vibration frequency: 5...8.4 Hz) on panel
3 gn (vibration frequency: 8.4...150 Hz) on panel
Shock resistance
15 gn (test wave duration:11 ms)
Ordering and shipping details
Category
22533 - M2XX PLC & ACCESSORIES
Discount Schedule
MSX
GTIN
00785901333197
Nbr. of units in pkg.
1
Package weight(Lbs)
0.45000000000000001
Returnability
Y
Country of origin
TW
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  1348  -  Schneider Electric declaration of conformity
Schnei-
der Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Product end of life instructions
Available
California proposition 65
WARNING: This product can expose you to chemicals including:
- - - - - - - Substance 1
Lead and lead compounds, which is known to the State of California to cause can-
cer and birth defects or other reproductive harm.
- - - - - - - More information
For more information go to www.p65warnings.ca.gov



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com