Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL5USB9M-LS Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TTL5USB9M-LS
Description  USB to TTL Miniature Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TTL5USB9M-LS Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TTL5USB9M-LS Datasheet HTML 1Page - Advantech Co., Ltd. TTL5USB9M-LS Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
CERTIFICATIONS
2004/108/EC
Electromagnetic Compatibility Directive
2011/65/EU
Reduction of Hazardous Substances Directive
EN 55022: +AC
Information technology equipment - Class B RF Emissions
EN 61000-6-1
Generic immunity standard for residential, commercial and light-
industrial environments
EN 61000-4-2
ESD Immunity
EN 61000-4-3: +A2 Radiated Immunity
EN 61000-4-4
EFT/Burst Immunity
EN 61000-4-6
RF Conducted Immunity
SPECIFICATIONS
SERIAL TECHNOLOGY
TTL
TD, RD, CTS, RTS, GND
Level
5V or 3.3V (See Ordering Information)
Connector
DB9 Male
Data Rate
Up to 460.8 Kbps
USB TECHNOLOGY
Connector
USB Type B Female
Standard
2.0 (Backward Compatible)
Data Rate
12 Mbps
POWER
Source
USB Port
Input Voltage
5 VDC
Consumption
~ 0.5 W (Low power device, draws less than 100 mA)
SOFTWARE
Driver CD
Windows 98, ME, 2000, XP, Vista, 7 (32/64 bit), 8 (32/64 bit)
MECHANICAL
Dimensions
5.8 x 3.2 x 1.6 cm (2.3 x 1.3 x .6 in)
Enclosure
In-line mounted, plastic
Weight
0.23 lbs (104.3 g) with USB Cable
ENVIRONMENTAL
Operating Temperature
32 to 158 °F (0 to 70 °C)
Storage Temperature
-40 to 185 °F (-40 to 85 °C)
Operating Humidity
0 to 95% (Non-condensing)
MTBF
TTL5USB9M
1981564 hours
TTL3USB9M
1981564 hours
MTBF Method
Parts Count Reliability Prediction
REGULATORY
Approvals
FCC, CE
MECHANICAL DIAGRAM
3.2 cm
1.3 in
1.6 cm
0.6 in
6.5 cm
2.6 in
3.2 cm
1.3 in
1.6 cm
0.6 in
5.8 cm
2.3 in
PIN
DIRECTION
SIGNAL NAME
1
---
Not Used
2
Input
RD (Receive Data)
3
Output
TD (Transmit Data)
4
---
Not Used
5
N/A
SG (Signal Ground)
6
---
Not Used
7
Output
RTS (Request to Send)
8
Input
CTS (Clear to Send)
9
---
Not Used
PINOUTS: RS-232 DB9 MALE DTE CONNECTOR
1 2 3 4 5
6 7 8 9
USB to TTL Miniature Converters
TTL5USB9M, TTL5USB9M-LS,
TTL3USB9M, TTL3USB9M-LS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com