Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM10C2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CTM10C2
Description  Cable Tie Anchor Mount, .58
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTM10C2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CTM10C2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTM10C2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CTM10C2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CTM10C2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Short Description
Cable Tie Anchor Mount, .58" x .37", .19" Hole Dia, .2" Max Tie
Width, PA66, Black, 100/pkg
Global Part Name
CTM1-PA66-BK
Length L (Imperial)
0.58
Length L (Metric)
14.7
Fixation Method
Screw Mounting and Rivet
Width W (Imperial)
0.37
Width W (Metric)
9.4
Cable Ties
T18 - T50
Height H (Imperial)
.27
Height H (Metric)
6.90
Cable Tie Width Max (Imperial)
0.2
Cable Tie Width Max (Metric)
5.0
Mounting Hole Diameter D (Imperial)
0.19
Mounting Hole Diameter D (Metric)
4.8 mm
Mounting Hole Diameter D Max (Metric)
4.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com