Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCD08C Datasheet(PDF) 4 Page - Protek Devices

Part # LCD08C
Description  LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LCD08C Datasheet(HTML) 4 Page - Protek Devices

  LCD08C Datasheet HTML 1Page - Protek Devices LCD08C Datasheet HTML 2Page - Protek Devices LCD08C Datasheet HTML 3Page - Protek Devices LCD08C Datasheet HTML 4Page - Protek Devices LCD08C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05018.R6 8/03
LCD05C
thru
LCD24C
APPLICATION NOTE
The LCA Series are low capacitance, bidirectional TVS arrays that are designed to protect I/O or high speed data lines from the damaging effects of
ESD or EFT. This product series has a surge capability of 800 Watts P
PP per line for an 8/20µs waveshape and offers ESD protection > 40kV.
BIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
Ideal for use in USB applications, the LCD Series provides up to eight (8) lines of protection in a common-mode configuration as depicted in Figure
1.
Circuit connectivity is as follows:
✔
Pins 2, 3, 4, 5, 6, and 7 are connected to ground.
✔
Pins 15 and 14 connected to Port #1 D- and D+.
✔
Pins 13 and 12 connected to Port #2 D+ and D-.
✔
Pins 11 and 10 connected to Port #3 D+ and D-.
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following guidelines
are recommended:
✔
The protection device should be placed near the
input terminals or connectors. By placing the TVS
close to the connectors, the device will divert the
transient current immediately before it can be
coupled into the nearby traces.
✔
The path length between the TVS devices and the
protected line should be minimized
✔
All conductive loops including power and ground
loops should be minimized
✔
The transient current return path to ground should
be kept as short as possible to reduce parasitic
inductance.
✔
Ground planes should be used whenever possible.
For Multilayer PCBs, use ground vias.
Figure1. Typical Common- Mode USB Protection Circuit
D+
D-
D+
D-
D-
D+
USB OUTPUT
CONNECTOR
USB
IC
USB OUTPUT
CONNECTOR
D+
D-
34
2
1
58
7
6
16
15
14
13
12
11
10
9
PORT #1
PORT #2
PORT #4
PORT #3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com