Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3171G-R3BE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-3171G-R3BE
Description  8U Rackmount, 17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and a Wide Operating Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3171G-R3BE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-3171G-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3171G-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industrial Monitors
Dimensions
Unit: mm [inch]
FPM-3171G
I/O View
Panel Cutout Dimensions: 447.2 x 329.2 mm (17.6 x 12.96 in)
VGA Port
DC-Jack 12VDC for
Power Adapter
Phoeni x Jack: 24 VDC
T/S USB Port
DVI-D
T/S RS-232 Port
445.20 (17.52”)
482.00 (18.98”)
63.50 (2.50”)
224.00 (8.82”)
100.00 (3.94”)
75.00
(2.95”)
465.00 (18.31”)
7.00
(0.27”)
432.91
(17.04”)
151.00
(5.94”)
37.50
(1.47”)
Ordering Information
ƒ
FPM-3171G-R3BE
17"SVGA WT Ind. Monitor w/Resistive TS (Combo)
Optional Accessories
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596-11
Power Cable China/Australia Plug 1.8 M
(Direct rack mounting, no need accessory)
ƒ
96PSA-A60W12V1-1
Adapter 100-240V 60W 12V 5A
ƒ
96PSA-A60W24T2
Adapter 100-240V 60W 24V 2.5A
ƒ
FPM-3001G-ADKE
Adapter bracket for FPM-3000 15"/17"/19"
Rackmount hole diameter
Vertical: 6.5 mm
Horizontal: 9 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com