Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD905P Datasheet(PDF) 2 Page - Intel Corporation

Part # SSD905P
Description  Breakthrough Performance for Demanding Storage Workloads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD905P Datasheet(HTML) 2 Page - Intel Corporation

  SSD905P Datasheet HTML 1Page - Intel Corporation SSD905P Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features At-a-Glance2
Model Name
Intel® Optane™ SSD 905P
Capacity
Half Height Half Length (HHHL) Add-in-Card: 960GB, 1.5TB
2.5” x 15mm, Small Form Factor U.2: 480GB, 960GB, 1.5TB
22x110mm, M.2, 380GB
Memory Media
Intel® 3D XPoint™ memory media
Bandwidth: Sustained Sequential Read/Write3
Up to 2,700 / 2,200 MB/s
IOPS: Random 4KB Random Read/Write3
Up to 575,000 / 550,000 IOPS
Read / Write Latency
<10 µs / <11 µs
Interface
PCIe* 3.0 X4, NVMe*
Form Factors, Height and Weight
HHHL AIC
68.9mm / 17.2mm / 168mm up to 230 grams
2.5” U.2
15mm / 70mm / 101mm / up to 140 grams
M.2
22mm / 110mm / 3.88mm / up to 13 grams
Life Expectancy
1.6 million hours Mean Time Between Failures (MTBF)
Lifetime Endurance4
10 Drive Writes per Day (DWPD)
Power Consumption Typical
380GB (M.2)
480GB (AIC)
960GB (AIC)
1.5TB (AIC)
Active Sequential Read:
Active Write:
Idle:
6.5W
11.7W
2.7W
8.6W
13.0W
4.1W
10.8W
14.8W
6.0W
13.1W
17.7W
6.7W
Operating Temperature5
0° C to 85° C
RoHS Compliance
Meets the requirements of European Union (EU) RoHS Compliance Directives
Warranty
5-year limited warranty; warranty void if used in a multi-user, multi-CPU data center
environment
1. Endurance defined as the total amount of data that can be written to the SSD in drive writes per day (DWPD). Intel® Optane™ 905P 960GB @ 10DWPD = 17.52 petabytes written (PBW). Market lead-
ing drives compared based on specs: Adata* XPG SX8200 (480GB) 320 terabytes written (TBW), Samsung 860 Pro* (1TB) 1,200 TBW, Samsung 970 Pro* (1TB) 1,200 TBW, Crucial MX500* (500GB)
180 TWB, Western Digital Black* (1TB) 600 TBW.
2. System configuration: Motherboard: X299 ASUS Tiachi ASROCK*; Processor: Intel® Core i9-7900X; BIOS Version 2.0; Windows* 10 (x64), version 17134.228; Graphics card: ASUS* ROG STRIX
GTX1080 with NVIDIA* GeFORCE* GTX 1080; Memory: Corsair Vengeance* DDR4 32GB (4x8GB) Frequency 3000 MHz CMR32GX4M4C3000C15; Benchmark: IOMeter 1.01. Measured on 480GB AIC.
3. Sequential performance was measured at queue depth 32 and 1 worker and random performance was measured at queue depth 64 and 8 workers
4. Based upon the product specification of Intel® Optane™ SSD 905P 480GB with an endurance of 8760GB written.
5. Operating temperature is measured by SMART.
For best sustained performance, a thermal solution is recommended under heavy workloads and benchmarking to prevent thermal throttling.
Intel technologies’ features and benefits depend on system configuration and may require enabled hardware, software or service activation. Performance varies depending on system configuration. No
computer system can be absolutely secure. Check with your system manufacturer or retailer or learn more at intel.com.
Performance results are based on testing as of August 30, 2018 and may not reflect all publicly available security updates. See configuration disclosure for details. No product can be absolutely secure.
Tests document performance of components on a particular test, in specific systems. Differences in hardware, software, or configuration will affect actual performance. Consult other sources of infor-
mation to evaluate performance as you consider your purchase.
No license (express or implied, by estoppel or otherwise) to any intellectual property rights is granted by this document.
Intel disclaims all express and implied warranties, including without limitation, the implied warranties of merchantability, fitness for a particular purpose, and non-infringement, as well as any warranty
arising from course of performance, course of dealing, or usage in trade.
The products described in this document may contain design defects or errors known as errata which may cause the product to deviate from published specifications. Current characterized errata are
available on request.
Intel may make changes to specifications and product descriptions at any time, without notice. Designers must not rely on the absence or characteristics of any features or instructions marked
“reserved” or “undefined.” Intel reserves these for future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them. The information
here is subject to change without notice. Do not finalize a design with this information. Tests document performance of components on a particular test, in specific systems. Differences in hardware,
software, or configuration will affect actual performance. Consult other sources of information to evaluate performance as you consider your purchase.
Intel, the Intel logo, Intel Optane, and 3D XPoint are trademarks of Intel Corporation in the U.S. and/or other countries. *Other names and brands may be claimed as the property of others.
Copyright © 2018 Intel Corporation. Printed in the USA.
Please Recycle
0918/JR/JF
337351-002US
Product Brief | Intel® Optane™ Solid State Drive 905P
Learn more now at www.intel.com/ssd



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com