Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMF12C Datasheet(PDF) 1 Page - Protek Devices

Part # MSMF12C
Description  STANDARD TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF12C Datasheet(HTML) 1 Page - Protek Devices

  MSMF12C Datasheet HTML 1Page - Protek Devices MSMF12C Datasheet HTML 2Page - Protek Devices MSMF12C Datasheet HTML 3Page - Protek Devices MSMF12C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSMF05C
thru
MSMF24C
1
05195.R3 6/05
www.protekdevices.com
STANDARD TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Computer Notebooks
✔ Communication Systems & Cellular Phones
✔ Printers
✔ Personnal Digital Assitant(PDA)
✔ Video Equipment
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ 100 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Monolithic Structure
✔ Available in 4 Voltage Types: 5V to 24V
✔ Low Clamping Voltage
✔ ESD Protection > 40 kilovolts
✔ Low Leakage Current
✔ Protects Four (4) Bidirectional Lines and Five (5) Unidirectional Lines
✔ RoHS Compliant on Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SOT-563 Package
✔ Weight 3 milligrams (Approximate)
✔ Available in Lead-Free Nickel-Paladium-Gold Plating
✔ Solder Reflow Temperature:
Nickel-Paladium-Gold (Ni/Pd/Au) Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATION
1
3
6
4
2
5
SOT-563


Similar Part No. - MSMF12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MSMF12C PROTEC-MSMF12C Datasheet
74Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
MSMF12C PROTEC-MSMF12C Datasheet
540Kb / 6P
MULTI-LINE TVS ARRAY
MSMF12C PROTEC-MSMF12C Datasheet
541Kb / 6P
MULTI-LINE TVS ARRAY
More results

Similar Description - MSMF12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
MSMF05 PROTEC-MSMF05 Datasheet
100Kb / 4P
STANDARD TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6 Datasheet
81Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA Datasheet
93Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DLZ-5 PROTEC-DLZ-5_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT03 PROTEC-PSOT03_07 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_07 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-02 PANJIT-PJSOT05C-02 Datasheet
99Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com