Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-310 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SW-310
Description  Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW-310 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SW-310 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW-310 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“Side Winder” SW / DSW Series
Split Bobbin-Printed Circuit Transformers
Single 115V
Series
Parallel
6 Pin
Dual 115/230V
Output Across 5 & 8
Output Across 5 & 8
SIZE
Input to 1 & 4
8 Pin+
Individual
Connect 6 & 7
Connect 5 & 7, 6 & 8
2
SW-210*
DSW-210*
5V @ .11A
10V C.T. @ .11A
5V @ .22A
3
SW-310
DSW-310
5V @ .25A
10V C.T. @ .25A
5V @ .5A
4
SW-410
DSW-410
5V @ .6A
10V C.T. @ .6A
5V @ 1.2A
5
SW-510
DSW-510
5V @ 1.2A
10V C.T. @ 1.2A
5V @ 2.4A
6
SW-610
DSW-610
5V @ 2A
10V C.T. @ 2A
5V @ 4A
2
SW-212*
DSW-212*
6.3V @ .09A
12.6V C.T. @ .09A
6.3V @ .18A
3
SW-312
DSW-312
6.3V @ .2A
12.6V C.T. @ .2A
6.3V @ .4A
4
SW-412
DSW-412
6.3V @ .5A
12.6V C.T. @ .5A
6.3V @ 1.0A
5
SW-512
DSW-512
6.3V @1.0A
12.6V C.T. @ 1.0A
6.3V @ 2.0A
6
SW-612
DSW-612
6.3V @1.6A
12.6V C.T. @ 1.6A
6.3V @ 3.2A
2
SW-216*
DSW-216*
8V @ .07A
16V C.T. @ .07A
8V @ .14A
3
SW-316
DSW-316
8V @ .15A
16V C.T. @ .15A
8V @ .3A
4
SW-416
DSW-416
8V @ .4A
16V C.T. @ .4A
8V @ .8A
5
SW-516
DSW-516
8V @ .8A
16V C.T. @ .8A
8V @ 1.6A
6
SW-616
DSW-616
8V @ 1.25A
16V C.T. @ 1.25A
8V @ 2.5A
2
SW-220*
DSW-220
10V @ .055A
20V C.T. @ .055A
10V @ .11A
3
SW-320
DSW-320
10V @ .12A
20V C.T. @ .12A
10V @ .24A
4
SW-420
DSW-420
10V @ .3A
20V C.T. @ .3A
10V @ .6A
5
SW-520
DSW-520
10V @ .6A
20V C.T. @ .6A
10V @ 1.2A
6
SW-620
DSW-620
10V @ 1A
20V C.T. @ 1A
10V @ 2A
2
SW-224*
DSW-224
12V @ .045A
24V C.T. @ .045A
12V @ .09A
3
SW-324
DSW-324
12V @ .1A
24V C.T. @ .1A
12V @ .2A
4
SW-424
DSW-424
12V @ .25A
24V C.T. @ .25A
12V @ .5A
5
SW-524
DSW-524
12V @ .5A
24V C.T. @ .5A
12V @ 1.0A
6
SW-624
DSW-624
12V @ .8A
24V C.T. @ .8A
12V @ 1.6A
2
SW-228*
DSW-228
14V @ .04A
28V C.T. @ .04A
14V @ .08A
3
SW-328
DSW-328
14V @ .085A
28V C.T. @ .085A
14V @ .17A
4
SW-428
DSW-428
14V @ .2A
28V C.T. @ .2A
14V @ .4A
5
SW-528
DSW-528
14V @ .42A
28V C.T. @ .42A
14V @ .84A
6
SW-628
DSW-628
14V @ .7A
28V C.T. @ .7A
14V @ 1.4A
2
SW-232*
DSW-232
16V @ .035A
32V C.T. @ .035A
16V @ .07A
3
SW-332
DSW-332
16V @ .075A
32V C.T. @ .075A
16V @ .15A
4
SW-432
DSW-432
16V @ .188A
32V C.T. @ .188A
16V @ .376A
5
SW-532
DSW-532
16V @ .375A
32V C.T. @ .375A
16V @ .750A
6
SW-632
DSW-632
16V @ .625A
32V C.T. @ .625A
16V @ 1.25A
2
SW-236*
DSW-236
18V @ .03A
36V C.T @ .03A
18V @ .06A
3
SW-336
DSW-336
18V @ .065A
36V C.T. @ .065A
18V @ .13A
4
SW-436
DSW-436
18V @ .17A
36V C.T. @ .17A
18V @ .34A
5
SW-536
DSW-536
18V @ .35A
36V C.T. @ .35A
18V @ .7A
6
SW-636
DSW-636
18V @ .55A
36V C.T. @ .55A
18V @ 1.1A
2
SW-248
DSW-248
24V @ .023A
48V C.T. @ .023A
24V @ .046A
3
SW-348
DSW-348
24V @ .05A
48V C.T. @ .05A
24V @ .1A
4
SW-448
DSW-448
24V @ .125A
48V C.T. @ .125A
24V @ .25A
5
SW-548
DSW-548
24V @ .25A
48V C.T. @ .25A
24V @ .5A
6
SW-648
DSW-648
24V @ .4A
48V C.T. @ .4A
24V @ .8A
2
SW-256
DSW-256
28V @ .02A
56V C.T. @ .02A
28V @ .04A
3
SW-356
DSW-356
28V @ .045A
56V C.T. @ .045A
28V @ .09A
4
SW-456
DSW-456
28V @ .11A
56V C.T. @ .11A
28V @ .22A
5
SW-556
DSW-556
28V @ .22A
56V C.T. @ .22A
28V @ .44A
6
SW-656
DSW-656
28V @ .35A
56V C.T. @ .35A
28V @ .7A
2
SW-2120
DSW-2120
60V @ .01A
120V C.T. @ .01A
60V @ .02A
3
SW-3120
DSW-3120
60V @ .02A
120V C.T. @ .02A
60V @ .04A
4
SW-4120
DSW-4120
60V @ .05A
120V C.T. @ .05A
60V @ .1A
5
SW-5120
DSW-5120
60V @ .1A
120V C.T. @ .1A
60V @ .2A
6
SW-6120
DSW-6120
60V @ .16A
120V C.T. @ .16A
60V @ .32A
STANCOR Part No.
Secondary RMS Rating
* NOTE: These parts are also UL recognized to UL 1585 (Class 2) File number #E33334.
+ Input 115V to 1 & 4 Connect 1 & 3, 2 & 4 (Parallel) Input 230V to 1 & 4 Connect 2 & 3 (Series)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com