Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-610 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW-610
Description  Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW-610 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW-610 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW-610 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type SW
Type DSW
Note: Pins 2 & 3
omitted on single
input version
Clearance hole
sizes 4, 5 & 6
.125
.015 dia.
W
L
H
.216
.039
A
C
.010
.010
.020
B
.010
A
.020 x .041
.002
MW
.020
www.stancor.com
“Side Winder”
SW / DSW Series
Split Bobbin-Printed Circuit Transformers
Single & Dual Primaries
ELECTROCUTION HAZARD
Disconnect electric power to system at
main fuse or circuit breaker box before
servicing. Failure to do so could result
in death or serious injury.
FIRE HAZARD
Do not
exceed transformer ratings.
Higher voltage may damage control
and could cause personal injury or
property damage.
SPECIFICATIONS:
WARNING
!
NOTES:
1. All dimensions in inches, unless otherwise specified.
2. All dimensions ±.062, unless otherwise specified.
Size
2
3
4
5
6
VA
1.1
2.5
6.0
12.0
20.0
H
0.94
1.19
1.31
1.44
1.44
W
1.13
1.13
1.31
1.56
1.88
L
1.38
1.38
1.63
1.88
2.25
MW
—
—
1.06
1.25
1.50
A
0.25
0.25
0.25
0.30
0.30
B
0.25
0.25
0.35
0.40
0.40
C
1.20
1.20
1.28
1.41
1.60
Wt.
Lbs.
0.17
0.25
0.44
0.70
0.80
Dimensions – inches
Size is the first numeric digit in Part Numbers listed on reverse side.
INPUT:
OUTPUT:
INSULATION RATING:
TEMPERATURE RISE:
DIELECTRIC STRENGTH:
AGENCY STANDARDS:
FILE NOs.:
SW:
115VAC, 50/60Hz
DSW: 115/230VAC, 50/60Hz
See table on reverse side
Class B (130˚C)
65˚C Max. rise
over 40˚C Max. ambient
2500 VRMS
UL Recognized to UL-506
CSA Certified to C22.2 #66
*See note on reverse side
UL File #E68100
CSA File #LR67965
Connection Diagrams
Primary
115V
50/60Hz
Primary
115/230V
50/60Hz
Line
Line
Load
Load
6 Pin Type SW
8 Pin Type DSW
For Series:
Connect 6 & 7
For 230V:
Connect 2 & 3
For 115V:
Connect 1 & 3, 2 & 4
For Parallel:
Connect 5 & 7, 6 & 8
Load
Load
For Series:
Connect 6 & 7
For Parallel:
Connect 5 & 7, 6 & 8
Line
Line
1
4
5
6
7
8
1
2
3
4
5
6
7
8
Secondary
Secondary
PART NO. 37-6156B
Replaces 37-6156A
0838


Similar Part No. - SW-610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-612 ETC2-SW-612 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
SW-616 ETC2-SW-616 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
More results

Similar Description - SW-610

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TL88-025-10 DBLECTRO-TL88-025-10 Datasheet
189Kb / 2P
SPLIT-BOBBIN TRANSFORMER
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Wabash Transformer Inc.
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
Split Bobbin Isolation Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
Split Bobbin Power Transformer
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
Split Bobbin Power Transformer
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
Split Bobbin Printed Circuit Power Transformer
logo
List of Unclassifed Man...
DST-4-20 ETC2-DST-4-20 Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
SW-316 ETC2-SW-316 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com